データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PH0256NL データシート(PDF) 3 Page - Pulse A Technitrol Company

部品番号 PH0256NL
部品情報  Switch Mode Transformer for AC/DC offline Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PH0256NL データシート(HTML) 3 Page - Pulse A Technitrol Company

  PH0256NL Datasheet HTML 1Page - Pulse A Technitrol Company PH0256NL Datasheet HTML 2Page - Pulse A Technitrol Company PH0256NL Datasheet HTML 3Page - Pulse A Technitrol Company PH0256NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
power.pulseelectronics.com
P724.B (03/18)
http://www.power.pulseelectronics.com/contact
Switch Mode Transformer for
AC/DC offline Applications
EE16H, EE16V, EF20H and EF25V Platforms
PH0259NL
PH0262NL
Mechanical
Mechanical
.480
[12.20]
5X.106 =.531
[5X2.70 =13.50]
3X.138 =.413
[3X3.50 =10.50]
3X .138=.413
[3X 3.50 =10.50]
.630 MAX
[16.00]
.480
[12.20]
.710 MAX
[18.00]
.720 MAX
[18.30]
5X .106 =.531
[5X 2.70 =13.50]
5
4
10
1
PULSE PH0259NL
DATE CODE ORIGIN
4
1
5
10
.160 ā.020
[4.00ā0.50]
10X Ă.035
[Ă.90]
10X Ă.024
[Ă.60]


同様の部品番号 - PH0256NL

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
PH020TG DOINGTER-PH020TG Datasheet
956Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
logo
Huber+Suhner, Inc.
PH024ES00000G055ZQY8UBS HUBERSUHNER-PH024ES00000G055ZQY8UBS Datasheet
511Kb / 4P
   MT-CSY, MLC-HT, 24F, 1x Q-ODC24 extension, 12xLC duplex, SM
logo
Delta Electronics, Inc.
PH02D0303A DELTA-PH02D0303A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PH02D0503A DELTA-PH02D0503A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PH02D1203A DELTA-PH02D1203A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
More results

同様の説明 - PH0256NL

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
MPS Industries, Inc.
A2003 MPSIND-A2003 Datasheet
348Kb / 2P
   TRANSFORMER FOR DC/DC AUTOMOTIVE APPLICATIONS
logo
List of Unclassifed Man...
C2472 ETC2-C2472 Datasheet
466Kb / 18P
   RDFC Controllers for Offline Applications
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
STMicroelectronics
SPAC265-3W STMICROELECTRONICS-SPAC265-3W Datasheet
284Kb / 10P
   AC-DC switch mode power supply
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
   Single Stage Dimmable Offline AC/DC Controller for LED Lamps
logo
Maxim Integrated Produc...
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com