データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PH0256NL データシート(PDF) 4 Page - Pulse A Technitrol Company

部品番号 PH0256NL
部品情報  Switch Mode Transformer for AC/DC offline Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PH0256NL データシート(HTML) 4 Page - Pulse A Technitrol Company

  PH0256NL Datasheet HTML 1Page - Pulse A Technitrol Company PH0256NL Datasheet HTML 2Page - Pulse A Technitrol Company PH0256NL Datasheet HTML 3Page - Pulse A Technitrol Company PH0256NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
power.pulseelectronics.com
http://www.power.pulseelectronics.com/contact
Pulse Worldwide
Headquarters
15255 Innovation Drive Ste 100
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Pulse Electronics GmbH
Am Rottland 12
58540 Meinerzhagen
Germany
Tel: 49 2354 777 100
Fax: 49 2354 777 168
Pulse China Headquarters
Pulse Electronics (ShenZhen) CO., LTD
D708, Shenzhen Academy of
Aerospace Technology,
The 10th Keji South Road,
Nanshan District, Shenzhen, P.R.
China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
3 Fraser Street
0428 DUO Tower
Singapore 189352
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
1F, No.111
Xiyuan Road
Zhongli District
Taoyuan City 32057
Taiwan (R.O.C)
Tel: 886 3 4356768
Fax: 886 3 4356820
For More Information
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may
be trademarks or registered trademarks of their respective owners. © Copyright, 2018. Pulse Electronics, Inc. All rights reserved.
P724.B (03/18)
Switch Mode Transformer for
AC/DC offline Applications
EE16H, EE16V, EF20H and EF25V Platforms
PH0270NL
Mechanical
1
5
6
10
Ă.032ā.004
[Ă0.80ā0.10]
1.12 MAX
[28.45 MAX]
DATE CODE ORIGIN
PH0270NL
PULSE
PIN 1 IDENTIFICATION
(.500)
[(12.70)]
(.200)
[(5.08)]
.500ā.016
[12.70ā0.40)]
.200ā.008
[5.08ā0.20]
Ă.047
[Ă1.2]
CLASS B E119132 B8
.140ā.020
[3.50ā0.50]
1.10 MAX
[27.94 MAX]
.740 MAX
[18.80 MAX]


同様の部品番号 - PH0256NL

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
PH020TG DOINGTER-PH020TG Datasheet
956Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
logo
Huber+Suhner, Inc.
PH024ES00000G055ZQY8UBS HUBERSUHNER-PH024ES00000G055ZQY8UBS Datasheet
511Kb / 4P
   MT-CSY, MLC-HT, 24F, 1x Q-ODC24 extension, 12xLC duplex, SM
logo
Delta Electronics, Inc.
PH02D0303A DELTA-PH02D0303A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PH02D0503A DELTA-PH02D0503A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PH02D1203A DELTA-PH02D1203A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
More results

同様の説明 - PH0256NL

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
MPS Industries, Inc.
A2003 MPSIND-A2003 Datasheet
348Kb / 2P
   TRANSFORMER FOR DC/DC AUTOMOTIVE APPLICATIONS
logo
List of Unclassifed Man...
C2472 ETC2-C2472 Datasheet
466Kb / 18P
   RDFC Controllers for Offline Applications
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
STMicroelectronics
SPAC265-3W STMICROELECTRONICS-SPAC265-3W Datasheet
284Kb / 10P
   AC-DC switch mode power supply
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
   Single Stage Dimmable Offline AC/DC Controller for LED Lamps
logo
Maxim Integrated Produc...
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com