| データシートサーチシステム |
|
PRP データシート(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
PRP データシート(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 4 page ![]() MODEL: PRP PRP SPECIFICATIONS ES-4823 Rev.14 Page 7/8 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY OPEN CLOSE CPU COM1 5 3 7 + + 4 INP ALM COM1 8 6 11 12 COM2 9 10 1 E 2 PWR U V R PU-2x CPU COM1 5 3 7 INPUT SIGNAL + + 4 INP ALM COM1 8 6 CLOSE OPEN 11 12 9 10 Potentiometer E ■ OPTION /E, FAILSAFE FUNCTION Inside of the terminal box R 2 1 14 13 PWR CHARGE STATUS Battery MODULAR JACK U BATTERY STATUS V POWER PU-2x Inside of the battery box Switching Regulator *Input resistor attached for a current input. *Input resistor attached for a current input. * * INPUT SIGNAL SERIAL TRANSMISSION LINE Switching Regulator Power Circuit Power Detecting Isolation Charge Control Motor Driver Latching Constant Current Control Position Input Multiplexer Input Circuit POSITION SIGNAL FORCED OPEN/CLOSE COMMAND FORCED OPEN/CLOSE COMMAND Position Output Multiplexer Isolation Multiplexer Temp. Sensor Stepping Motor SEQUENTIAL CONTROL POWER Power Circuit Motor Driver Position Input Multiplexer Input Circuit Constant Current Control Position Output Multiplexer Multiplexer Latching SERIAL TRANSMISSION LINE MODULAR JACK Stepping Motor Temp. Sensor Potentiometer POSITION SIGNAL FORCED OPEN/CLOSE COMMAND ALARM OPEN CLOSE FULL-OPEN FULL-CLOSED COM2 ALARM FULL-OPEN FULL-CLOSED OPEN CLOSE FUSE FUSE |