データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1351370000 データシート(PDF) 4 Page - Weidmuller

部品番号 1351370000
部品情報  VPU II 2 R PV 600V DC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEIDMULLER [Weidmuller]
ホームページ  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1351370000 データシート(HTML) 4 Page - Weidmuller

  1351370000 Datasheet HTML 1Page - Weidmuller 1351370000 Datasheet HTML 2Page - Weidmuller 1351370000 Datasheet HTML 3Page - Weidmuller 1351370000 Datasheet HTML 4Page - Weidmuller 1351370000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data sheet
 
VPU II 2 R PV 600V DC
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date September 14, 2021 4:29:05 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
4
Tender specification sheets
 
Long specification
Multi-pole surge voltage
arrestor according
to the requirements
of Class II acc. to IEC
50539-11. Consisting of
V0 material, the arrestor
serves as overvoltage
protection and is used in
applications according to
IEC 50539-12. The use
of a high-performance
varistor meets the
inspection requirements
for Class II surge protection
systems on the basis of
the standards. The arrestor
is installed in the vicinity
of the equipment that
needs protection, in a
commercially available
installation/electrical
distribution enclosure.
With thermal separation
device on the varistor. If
protection is no longer
available, the colour
in the display window
changes from green to
red. The functional state
is also displayed by a
voltage-free signalling
contact (CO contact).
Rated voltage: 600 VDC
In/max (8/20 µs): 20/40
kA, protection level < 2.2
kV, telecommunication
output: contact: 250 V/0.5
A 48 VDC/0.1 A, type:
Weidmüller VPU II 2 R
PV 600 V/40 kA, Order
No. 1351370000 or
equivalent
  Short specification
Class II arrester with
In/Imax: 20/40 kA
suitable for PV systems.
Protection level < 2.2 kV.
With remote alert Type:
Weidmüller VPU II 2 R
PV 600 V/40 kA Order
no. 1351370000 or
equivalent
 
Approvals
 
Approvals
ROHS
Conform
 
Downloads
 
Approval/Certificate/Document of
Conformity
EAC VPU SERIES
EU_Konformitätserklärung / EU_Declaration_of_Conformity
Engineering Data
STEP
Engineering Data
EPLAN, WSCAD
User Documentation
Beipackzettel / Instruction sheet
Catalogues
Catalogues in PDF-format
Brochures
 


同様の部品番号 - 1351370000

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1351314 ETC2-1351314 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1351320 ETC2-1351320 Datasheet
101Kb / 3P
   26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
logo
Weidmuller
1351320000 WEIDMULLER-1351320000 Datasheet
334Kb / 4P
   VPU II 0 PV 600V DC
More results

同様の説明 - 1351370000

メーカー部品番号データシート部品情報
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351320000 WEIDMULLER-1351320000 Datasheet
334Kb / 4P
   VPU II 0 PV 600V DC
2530180000 WEIDMULLER-2530180000 Datasheet
563Kb / 5P
   VPU PV II 3 R 1000
2530650000 WEIDMULLER-2530650000 Datasheet
563Kb / 5P
   VPU PV II 3 R 1500
2530620000I WEIDMULLER-2530620000I Datasheet
560Kb / 5P
   VPU PV III 3 R 1000
2530590000I WEIDMULLER-2530590000I Datasheet
561Kb / 5P
   VPU PV III 3 R 1500
1351390000 WEIDMULLER-1351390000 Datasheet
334Kb / 4P
   VPU II 0 PV 1200V DC
1351480000 WEIDMULLER-1351480000 Datasheet
332Kb / 4P
   VPU II 0 PV 1500V DC
1351190000 WEIDMULLER-1351190000 Datasheet
333Kb / 4P
   VPU II 0 PV 1000V DC
1375440000 WEIDMULLER-1375440000 Datasheet
332Kb / 4P
   VPU II 0 PV Y 1000V DC
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com