データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2636960000 データシート(PDF) 2 Page - Weidmuller

部品番号 2636960000
部品情報  VPU AC I 1 R 300/12.5 LCF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEIDMULLER [Weidmuller]
ホームページ  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2636960000 データシート(HTML) 2 Page - Weidmuller

  2636960000 Datasheet HTML 1Page - Weidmuller 2636960000 Datasheet HTML 2Page - Weidmuller 2636960000 Datasheet HTML 3Page - Weidmuller 2636960000 Datasheet HTML 4Page - Weidmuller 2636960000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet
 
VPU AC I 1 R 300/12.5 LCF
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date September 14, 2021 4:31:25 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
91 mm
  Depth (inches)
3.583 inch
Height
111 mm
  Height (inches)
4.37 inch
Width
18 mm
  Width (inches)
0.709 inch
Net weight
189 g
   
 
Temperatures
 
Storage temperature
-40 °C...85 °C
  Operating temperature
-40 °C...70 °C
Humidity
5 - 95% rel. humidity
   
 
Rated data UL
 
Ambient temperature (operational), max.85 °C
  Rated Voltage UN
240 V
MCOV (L/N-PE)
300 V
  In
20 kA
Category
SPD TYPE 4CA
  Ambient temperature (operational), min. -40 °C
Certificate No. (cURus)
E354261
  MODE
L-G
Measured. Limiting Voltage
1,220 V
  VPR (L-PE)
1,220 V
Voltage type
AC
   
 
Connection data, remote alert
 
Connection type
PUSH IN
  Cross-section for connected wire, solid
core, max.
1.5 mm²
Cross-section for connected wire, solid
core, min.
0.14 mm²
  Stripping length
8 mm
 
General data
 
Colour
orange, black
  Design
Installation housing; 1TE,
Insta IP 20
Operating altitude
≤ 4000 m
  Optical function display
green = OK; red = arrester
is defective - replace
Protection degree
IP20 in installed state
  Rail
TS 35
Segment
Power distribution
  Suitable for
Count-in installation
(leakage current free)
UL 94 flammability rating
V-0
  Version
Surge protection, with
remote contact
 
Insulation coordination acc. to EN 50178
 
Pollution severity
2
  Surge voltage category
IV, III, II, I
 


同様の部品番号 - 2636960000

メーカー部品番号データシート部品情報
logo
Weidmuller
2636900000 WEIDMULLER-2636900000 Datasheet
405Kb / 4P
VPU AC I 0 300/12.5 LCF
2636910000 WEIDMULLER-2636910000 Datasheet
1,015Kb / 5P
VPU AC I 31 300/12.5 LCF
2636920000 WEIDMULLER-2636920000 Datasheet
1,011Kb / 5P
VPU AC I 31 R 300/12.5 LCF
2636930000 WEIDMULLER-2636930000 Datasheet
982Kb / 5P
VPU AC I 11 300/12.5 LCF
2636940000 WEIDMULLER-2636940000 Datasheet
995Kb / 5P
VPU AC I 11 R 300/12.5 LCF
More results

同様の説明 - 2636960000

メーカー部品番号データシート部品情報
logo
Weidmuller
2636940000 WEIDMULLER-2636940000 Datasheet
995Kb / 5P
VPU AC I 11 R 300/12.5 LCF
2636920000 WEIDMULLER-2636920000 Datasheet
1,011Kb / 5P
VPU AC I 31 R 300/12.5 LCF
2636950000 WEIDMULLER-2636950000 Datasheet
864Kb / 4P
VPU AC I 1 300/12.5 LCF
2636930000 WEIDMULLER-2636930000 Datasheet
982Kb / 5P
VPU AC I 11 300/12.5 LCF
2636910000 WEIDMULLER-2636910000 Datasheet
1,015Kb / 5P
VPU AC I 31 300/12.5 LCF
2636900000 WEIDMULLER-2636900000 Datasheet
405Kb / 4P
VPU AC I 0 300/12.5 LCF
2636970000 WEIDMULLER-2636970000 Datasheet
877Kb / 5P
VPU AC I 3 300/12.5 LCF
2636980000 WEIDMULLER-2636980000 Datasheet
1,001Kb / 5P
VPU AC I 3 R 300/12.5 LCF Weidm체ller Interface
2619120000 WEIDMULLER-2619120000 Datasheet
707Kb / 5P
VPU AC I 1 R 440/25 LCF
2619220000 WEIDMULLER-2619220000 Datasheet
725Kb / 5P
VPU AC I 11 R 440/25 LCF
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com