データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2636960000 データシート(PDF) 3 Page - Weidmuller

部品番号 2636960000
部品情報  VPU AC I 1 R 300/12.5 LCF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEIDMULLER [Weidmuller]
ホームページ  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2636960000 データシート(HTML) 3 Page - Weidmuller

  2636960000 Datasheet HTML 1Page - Weidmuller 2636960000 Datasheet HTML 2Page - Weidmuller 2636960000 Datasheet HTML 3Page - Weidmuller 2636960000 Datasheet HTML 4Page - Weidmuller 2636960000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data sheet
 
VPU AC I 1 R 300/12.5 LCF
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date September 14, 2021 4:31:25 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
3
Rated data IEC / EN
 
Discharge current Imax (8/20µs) wire-PE 65 kA
  Discharge current In (8/20µs) wire-PE 20 kA
Energy coordination (≤10 m)
Type I, Type II, Type III
  Follow-on current extinguishing
capability Ifi
Not available due for
technical reasons
Frequency range, max.
60 Hz
  Frequency range, min.
50 Hz
Fuse
No Fuse neccessary ≤315
A gG, 250 A gG @50 kA
Isccr, 315 A gG @25 kA
Isccr
  Leakage current at Un
1 µA
Lightning test current Iimp (10/350 µs)
(L-PE)
12.5 kA
  Low voltage network
Single-phase
Max. continuous voltage, Uc (AC)
300 V
  Number of poles
1
Protection level Up at IN (L/N-PE)
≤ 1.5 kV
  Rated voltage (AC)
230 V
Requirements category acc. to IEC
61643-11
Type I, Type II
  Requirements class, acc. to EN
61643-11
T1, T2
Response time
≤ 25 ns
  Short-circuit current rating ISCCR
50 kA
Signalling contact
250 V 1A 1CO
  Standards
IEC61643-11,
EN61643-11, UL 1449
Suitable for
Count-in installation
(leakage current free)
  Temporary surge voltage (over-voltage) -
TOV
442 V
Voltage type
AC
   
 
Connection data
 
Wire connection method
Screw connection
  Type of connection
Screw connection
Stripping length, rated connection
15 mm
  Tightening torque, min.
2 Nm
Tightening torque, max.
4.5 Nm
  Clamping range, rated connection
16 mm²
Clamping range, min.
4 mm²
  Clamping range, max.
35 mm²
Wire cross-section, solid, min.
2.5 mm²
  Wire cross-section, solid, max.
35 mm²
Wire connection cross section, finely
stranded, min.
2.5 mm²
  Wire connection cross section, finely
stranded, max.
35 mm²
Conductor cross-section, flexible, AEH
(DIN 46228-1), min.
2.5 mm²
  Conductor cross-section, flexible, AEH
(DIN 46228-1), max.
35 mm²
Connection cross-section, stranded, min.
2.5 mm²
  Connection cross-section, stranded,
max.
35 mm²
 
Ratings IECEx/ATEX/cUL
 
Certificate no. (cULus)
E354261
   
 
Guarantee
 
Time interval
5 years
   
 
Classifications
 
ETIM 6.0
EC000941
  ETIM 7.0
EC000941
ETIM 8.0
EC000941
  ECLASS 9.0
27-13-08-05
ECLASS 9.1
27-13-08-05
  ECLASS 10.0
27-13-08-05
ECLASS 11.0
27-13-08-05
   
 
Important note
 
Product information
For use in DC applications, please use the fuse of SIBA Type NH2XL aR/aSF DC 1500 V
 


同様の部品番号 - 2636960000

メーカー部品番号データシート部品情報
logo
Weidmuller
2636900000 WEIDMULLER-2636900000 Datasheet
405Kb / 4P
VPU AC I 0 300/12.5 LCF
2636910000 WEIDMULLER-2636910000 Datasheet
1,015Kb / 5P
VPU AC I 31 300/12.5 LCF
2636920000 WEIDMULLER-2636920000 Datasheet
1,011Kb / 5P
VPU AC I 31 R 300/12.5 LCF
2636930000 WEIDMULLER-2636930000 Datasheet
982Kb / 5P
VPU AC I 11 300/12.5 LCF
2636940000 WEIDMULLER-2636940000 Datasheet
995Kb / 5P
VPU AC I 11 R 300/12.5 LCF
More results

同様の説明 - 2636960000

メーカー部品番号データシート部品情報
logo
Weidmuller
2636940000 WEIDMULLER-2636940000 Datasheet
995Kb / 5P
VPU AC I 11 R 300/12.5 LCF
2636920000 WEIDMULLER-2636920000 Datasheet
1,011Kb / 5P
VPU AC I 31 R 300/12.5 LCF
2636950000 WEIDMULLER-2636950000 Datasheet
864Kb / 4P
VPU AC I 1 300/12.5 LCF
2636930000 WEIDMULLER-2636930000 Datasheet
982Kb / 5P
VPU AC I 11 300/12.5 LCF
2636910000 WEIDMULLER-2636910000 Datasheet
1,015Kb / 5P
VPU AC I 31 300/12.5 LCF
2636900000 WEIDMULLER-2636900000 Datasheet
405Kb / 4P
VPU AC I 0 300/12.5 LCF
2636970000 WEIDMULLER-2636970000 Datasheet
877Kb / 5P
VPU AC I 3 300/12.5 LCF
2636980000 WEIDMULLER-2636980000 Datasheet
1,001Kb / 5P
VPU AC I 3 R 300/12.5 LCF Weidm체ller Interface
2619120000 WEIDMULLER-2619120000 Datasheet
707Kb / 5P
VPU AC I 1 R 440/25 LCF
2619220000 WEIDMULLER-2619220000 Datasheet
725Kb / 5P
VPU AC I 11 R 440/25 LCF
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com