| データシートサーチシステム |
|
PCIMX6QP5AVT2AB データシート(PDF) 114 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6QP5AVT2AB データシート(HTML) 114 Page - NXP Semiconductors |
|
114 / 166 page ![]() i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018 114 NXP Semiconductors Electrical Characteristics 4.12.13.3 Receiver Real-Time Data Flow Figure 75. Receiver Real-Time Data Flow READY Signal Timing 4.12.13.4 Synchronized Data Flow Transmission with Wake Figure 76. Synchronized Data Flow Transmission with WAKE 4.12.13.5 Stream Transmission Mode Frame Transfer Figure 77. Stream Transmission Mode Frame Transfer (Synchronized Data Flow) N-bits Frame N-bits Frame First bit of frame t NomBit Last bit of frame First bit of frame Last bit of frame DATA FLAG READY Receiver has detected the start of the Frame Receiver has captured a complete Frame DATA FLAG READY 1. Transmitter has data to transmit 3. First bit received PHY Frame PHY Frame TX state RX state WAKE A A B B C C D D A A 2. Receiver in active start state 4. Received frame stored 5. Transmitter has no more data to transmit 6. Receiver can no longer receive date A: Sleep state(non-operational) B: Wake-up state C: Active state (full operational) D: Disable State(No communication ability) Complete N-bits Frame Complete N-bits Frame DATA FLAG READY Channel Description bits Payload Data Bits |