データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1.5KE データシート(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

部品番号 1.5KE
部品情報  1500W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
ホームページ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

1.5KE データシート(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  1.5KE Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5KE Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5KE Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5KE Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5KE Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
1.5KE120A
1.5KE120CA
102.0
1
114.0
126.0
1
165.0
9.1
1.5KE130A
1.5KE130CA
111.0
1
124.0
137.0
1
179.0
8.4
1.5KE150A
1.5KE150CA
128.0
1
143.0
158.0
1
207.0
7.3
1.5KE160A
1.5KE160CA
136.0
1
152.0
168.0
1
219.0
6.9
1.5KE170A
1.5KE170CA
145.0
1
162.0
179.0
1
234.0
6.5
1.5KE180A
1.5KE180CA
154.0
1
171.0
189.0
1
246.0
6.1
1.5KE200A
1.5KE200CA
171.0
1
190.0
210.0
1
274.0
5.5
1.5KE220A
1.5KE220CA
185.0
1
209.0
231.0
1
328.0
4.6
1.5KE250A
1.5KE250CA
214.0
1
237.0
263.0
1
344.0
4.4
1.5KE300A
1.5KE300CA
256.0
1
285.0
315.0
1
414.0
3.7
1.5KE350A
1.5KE350CA
300.0
1
332.0
368.0
1
482.0
3.2
1.5KE400A
1.5KE400CA
342.0
1
380.0
420.0
1
548.0
2.8
1.5KE440A
1.5KE440CA
376.0
1
418.0
462.0
1
602.0
2.5
1.5KE480A
1.5KE480CA
408.0
1
456.0
504.0
1
658.0
2.3
1.5KE510A
1.5KE510CA
434.0
1
485.0
535.0
1
698.0
2.1
1.5KE550A
1.5KE550CA
460.0
1
513.0
567.0
1
740.0
2.0
1.5KE600A
1.5KE600CA
512.0
1
570.0
630.0
1
828.0
1.8
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current
Rev :
www.leiditech.com
01.06.2014
3/5
1.5KE Series 1500W Transient Voltage Suppressor


同様の部品番号 - 1.5KE

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
1.5KE LUGUANG-1.5KE Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Rectron Semiconductor
1.5KE RECTRON-1.5KE Datasheet
46Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
logo
Shanghai Yint Electroni...
1.5KE YINT-1.5KE Datasheet
682Kb / 5P
   1.5KE Transient Voltage Suppressor Diode Series
More results

同様の説明 - 1.5KE

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com