データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-1.5KE データシート(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

部品番号 S-1.5KE
部品情報  1500W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
ホームページ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-1.5KE データシート(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-1.5KE Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
S-1.5KE120A S-1.5KE120CA 102.0
1
114.0
126.0
1
165.0
9.1
S-1.5KE130A S-1.5KE130CA 111.0
1
124.0
137.0
1
179.0
8.4
S-1.5KE150A S-1.5KE150CA 128.0
1
143.0
158.0
1
207.0
7.3
S-1.5KE160A S-1.5KE160CA 136.0
1
152.0
168.0
1
219.0
6.9
S-1.5KE170A S-1.5KE170CA 145.0
1
162.0
179.0
1
234.0
6.5
S-1.5KE180A S-1.5KE180CA 154.0
1
171.0
189.0
1
246.0
6.1
S-1.5KE200A S-1.5KE200CA 171.0
1
190.0
210.0
1
274.0
5.5
S-1.5KE220A S-1.5KE220CA 185.0
1
209.0
231.0
1
328.0
4.6
S-1.5KE250A S-1.5KE250CA 214.0
1
237.0
263.0
1
344.0
4.4
S-1.5KE300A S-1.5KE300CA 256.0
1
285.0
315.0
1
414.0
3.7
S-1.5KE350A S-1.5KE350CA 300.0
1
332.0
368.0
1
482.0
3.2
S-1.5KE400A S-1.5KE400CA 342.0
1
380.0
420.0
1
548.0
2.8
S-1.5KE440A S-1.5KE440CA 376.0
1
418.0
462.0
1
602.0
2.5
S-1.5KE480A S-1.5KE480CA 408.0
1
456.0
504.0
1
658.0
2.3
S-1.5KE510A S-1.5KE510CA 434.0
1
485.0
535.0
1
698.0
2.1
S-1.5KE550A S-1.5KE550CA 460.0
1
513.0
567.0
1
740.0
2.0
S-1.5KE600A S-1.5KE600CA 512.0
1
570.0
630.0
1
828.0
1.8
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current
Rev :
www.leiditech.com
3/5
S-1.5KE Series 1500W Transient Voltage Suppressor
01.0
8.2021


同様の部品番号 - S-1.5KE

メーカー部品番号データシート部品情報
logo
Riedon Powertron
S-1 RIEDON-S-1 Datasheet
285Kb / 2P
Surface Mount Wirewound Resistors
logo
Cooper Bussmann, Inc.
S-1 COOPER-S-1 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element
logo
Riedon Powertron
S-1 RIEDON-S-1 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
logo
Eaton All Rights Reserv...
S-1 EATON-S-1 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-1-1/4 COOPER-S-1-1/4 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element
More results

同様の説明 - S-1.5KE

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com