データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-1.5KE100CA データシート(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

部品番号 S-1.5KE100CA
部品情報  1500W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
ホームページ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-1.5KE100CA データシート(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-1.5KE100CA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE100CA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE100CA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE100CA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE100CA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
S-1.5KE6.8A S-1.5KE6.8CA
5.8
150
6.45
7.14
10
10.5
147.1
S-1.5KE7.5A S-1.5KE7.5CA
6.4
100
7.13
7.88
10
11.3
132.8
S-1.5KE8.2A S-1.5KE8.2CA
7.02
50
7.79
8.61
10
12.1
124.0
S-1.5KE9.1A S-1.5KE9.1CA
7.78
20
8.65
9.55
1
13.4
112.0
S-1.5KE10A S-1.5KE10CA
8.55
10
9.50
10.50
1
14.5
103.5
S-1.5KE11A S-1.5KE11CA
9.4
5
10.50
11.60
1
15.6
96.2
S-1.5KE12A S-1.5KE12CA
10.2
2
11.40
12.60
1
16.7
89.8
S-1.5KE13A S-1.5KE13CA
11.1
1
12.40
13.70
1
18.2
82.5
S-1.5KE15A S-1.5KE15CA
12.8
1
14.30
15.80
1
21.2
70.8
S-1.5KE16A S-1.5KE16CA
13.6
1
15.20
16.80
1
22.5
66.7
S-1.5KE18A S-1.5KE18CA
15.3
1
17.10
18.90
1
25.2
59.6
S-1.5KE20A S-1.5KE20CA
17.1
1
19.00
21.00
1
27.7
54.2
S-1.5KE22A S-1.5KE22CA
18.8
1
20.90
23.10
1
30.6
49.1
S-1.5KE24A S-1.5KE24CA
20.5
1
22.80
25.20
1
33.2
45.2
S-1.5KE27A S-1.5KE27CA
23.1
1
25.70
28.40
1
37.5
40.0
S-1.5KE30A S-1.5KE30CA
25.6
1
28.50
31.50
1
41.4
36.3
S-1.5KE33A S-1.5KE33CA
28.2
1
31.40
34.70
1
45.7
32.9
S-1.5KE36A S-1.5KE36CA
30.8
1
34.20
37.80
1
49.9
30.1
S-1.5KE39A S-1.5KE39CA
33.3
1
37.10
41.00
1
53.9
27.9
S-1.5KE43A S-1.5KE43CA
36.8
1
40.90
45.20
1
59.3
25.3
S-1.5KE47A S-1.5KE47CA
40.2
1
44.70
49.40
1
64.8
23.2
S-1.5KE51A S-1.5KE51CA
43.6
1
48.50
53.60
1
70.1
21.4
S-1.5KE56A S-1.5KE56CA
47.8
1
53.20
58.80
1
77.0
19.5
S-1.5KE62A S-1.5KE62CA
53.0
1
58.90
65.10
1
85.0
17.7
S-1.5KE68A S-1.5KE68CA
58.1
1
64.60
71.40
1
92.0
16.4
S-1.5KE75A S-1.5KE75CA
64.1
1
71.30
78.80
1
103.0
14.6
S-1.5KE82A S-1.5KE82CA
70.1
1
77.90
86.10
1
113.0
13.3
S-1.5KE91A S-1.5KE91CA
77.8
1
86.50
95.50
1
125.0
12.0
S-1.5KE100A S-1.5KE100CA 85.5
1
95.00
105.0
1
137.0
11.0
S-1.5KE110A S-1.5KE110CA 94.0
1
105.0
116.0
1
152.0
10.0
Rev :
www.leiditech.com
2/5
S-1.5KE Series 1500W Transient Voltage Suppressor
01.0
8.2021


同様の部品番号 - S-1.5KE100CA

メーカー部品番号データシート部品情報
logo
Riedon Powertron
S-1 RIEDON-S-1 Datasheet
285Kb / 2P
   Surface Mount Wirewound Resistors
logo
Cooper Bussmann, Inc.
S-1 COOPER-S-1 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Riedon Powertron
S-1 RIEDON-S-1 Datasheet
215Kb / 2P
   Surface Mount Wirewound Resistors
logo
Eaton All Rights Reserv...
S-1 EATON-S-1 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-1-1/4 COOPER-S-1-1/4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
More results

同様の説明 - S-1.5KE100CA

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com