データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRM43DR7LV224KW01 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd

部品番号 GRM43DR7LV224KW01
部品情報  Operating Temperature Range -55??to 125?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA1 [Murata Manufacturing Co., Ltd]
ホームページ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM43DR7LV224KW01 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd

  GRM43DR7LV224KW01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM43DR7LV224KW01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
GRM43DR7LV224KW01#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of GRM43DR7LV224KW01# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=GRM43DR7LV224KW01%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated11/23/2021
Specifications
Length
4.5±0.4mm
Width
3.2±0.3mm
Thickness
2.0+0/-0.3mm
Capacitance
0.22μF ±10%
Distance between external
terminals g
2.2mm min.
External terminal size e
0.3mm min.
Operating Temperature
Range
-55
℃ to 125℃
Rated Voltage
630Vdc
Size code in inch(mm)
1812 (4532M)
Capacitance change rate
±15.0%
Temperature characteristics
(complied standard)
X7R(EIA)
Temperature range of
temperature characteristics
-55
℃ to 125℃
2 of 2


同様の部品番号 - GRM43DR7LV224KW01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM43DR71H155KA01 MURATA1-GRM43DR71H155KA01 Datasheet
346Kb / 1P
capacitor data sheet
GRM43DR71H155KA01K MURATA1-GRM43DR71H155KA01K Datasheet
346Kb / 1P
capacitor data sheet
GRM43DR71H155KA01L MURATA1-GRM43DR71H155KA01L Datasheet
346Kb / 1P
capacitor data sheet
GRM43DR71H155MA01 MURATA1-GRM43DR71H155MA01 Datasheet
346Kb / 1P
capacitor data sheet
GRM43DR71H155MA01K MURATA1-GRM43DR71H155MA01K Datasheet
346Kb / 1P
capacitor data sheet
More results

同様の説明 - GRM43DR7LV224KW01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM022C71A103KE01 MURATA1-GRM022C71A103KE01 Datasheet
176Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM022C71A103ME01 MURATA1-GRM022C71A103ME01_V01 Datasheet
176Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM022C80J103ME01 MURATA1-GRM022C80J103ME01_V01 Datasheet
176Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM022R61E103ME01 MURATA1-GRM022R61E103ME01_V01 Datasheet
176Kb / 2P
Operating Temperature Range 55??to 85?
11/23/2021
GRM188D70E226ME01 MURATA1-GRM188D70E226ME01_V01 Datasheet
177Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01_V01 Datasheet
177Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM43QR7LV154KW01 MURATA1-GRM43QR7LV154KW01 Datasheet
177Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM55DR7LV334KW01 MURATA1-GRM55DR7LV334KW01 Datasheet
177Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM55DR7LV474KW01 MURATA1-GRM55DR7LV474KW01 Datasheet
177Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM188D70J226ME01 MURATA1-GRM188D70J226ME01_V01 Datasheet
180Kb / 2P
Operating Temperature Range -55??to 125?
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com