| データシートサーチシステム |
|
ADP1052ACPZ-R7 データシート(PDF) 110 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1052ACPZ-R7 データシート(HTML) 110 Page - Analog Devices |
|
110 / 113 page ![]() ADP1052 Data Sheet Rev. B | Page 110 of 113 Table 199. Register 0xFEA6—First Flag ID Bits Bit Name/Function R/W Description [7:4] Previous first flag ID R These bits return the flag fault ID of the flag that caused the previous shutdown of the power supply. This previous shutdown occurred before the shutdown caused by the fault identified in Bits[3:0]. Bit 3 Bit 2 Bit 1 Bit 0 First Flag 0 0 0 0 No flag. 0 0 0 1 IIN_OC_FAST_FAULT. 0 0 1 0 IOUT_OC_FAULT. 0 0 1 1 CS3_OC_FAULT. 0 1 0 0 VOUT_OV_FAULT. 0 1 0 1 VOUT_UV_FAULT. 0 1 1 0 VIN_UV_FAULT. 0 1 1 1 FLAGIN. 1 0 0 0 SR_RC_FAULT. 1 0 0 1 OT_FAULT. 1 0 1 0 Reserved. 1 0 1 1 Reserved. 1 1 0 0 Reserved. 1 1 0 1 Reserved. 1 1 1 0 Reserved. 1 1 1 1 Reserved. [3:0] Current first flag ID R These bits return the flag fault ID of the fault that caused the shutdown of the power supply. Bit 3 Bit 2 Bit 1 Bit 0 First Flag 0 0 0 0 No flag. 0 0 0 1 IIN_OC_FAST_FAULT. 0 0 1 0 IOUT_OC_FAULT. 0 0 1 1 CS3_OC_FAULT. 0 1 0 0 VOUT_OV_FAULT. 0 1 0 1 VOUT_UV_FAULT. 0 1 1 0 VIN_UV_FAULT 0 1 1 1 FLAGIN. 1 0 0 0 SR_RC_FAULT. 1 0 0 1 OT_FAULT. 1 0 1 0 Reserved. 1 0 1 1 Reserved. 1 1 0 0 Reserved. 1 1 0 1 Reserved. 1 1 1 0 Reserved. 1 1 1 1 Reserved. |