データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H750VB データシート(PDF) 113 Page - STMicroelectronics

部品番号 STM32H750VB
部品情報  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB データシート(HTML) 113 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 109Page - STMicroelectronics STM32H750VB Datasheet HTML 110Page - STMicroelectronics STM32H750VB Datasheet HTML 111Page - STMicroelectronics STM32H750VB Datasheet HTML 112Page - STMicroelectronics STM32H750VB Datasheet HTML 113Page - STMicroelectronics STM32H750VB Datasheet HTML 114Page - STMicroelectronics STM32H750VB Datasheet HTML 115Page - STMicroelectronics STM32H750VB Datasheet HTML 116Page - STMicroelectronics STM32H750VB Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 335 page
background image
DS12556 Rev 5
113/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Electrical characteristics (rev Y)
311
APB2
TIM1
5.1
4.8
4.3
µA/MHz
TIM8
5.4
4.9
4.6
USART1 registers
2.7
2.6
2.5
USART1 kernel
0.1
0.1
0.1
USART6 registers
2.6
2.5
2.5
USART6 kernel
0.1
0.1
0.1
SPI1 registers
1.8
1.6
1.6
SPI1 kernel
1
0.8
0.6
SPI4 registers
1.6
1.5
1.5
SPI4 kernel
0.5
0.4
0.4
TIM15
3.1
2.8
2.7
TIM16
2.4
2.1
2.1
TIM17
2.2
2
1.9
SPI5 registers
1.8
1.7
1.7
SPI5 kernel
0.6
0.5
0.3
SAI1 registers
1.5
1.4
1.4
SAI1 kernel
2
1.7
1.5
SAI2 registers
1.5
1.5
1.3
SAI2 kernel
2.2
1.9
1.8
SAI3 registers
1.8
1.6
1.6
SAI3 kernel
2.5
2.3
2.1
DFSDM1 registers
6
5.4
5.2
DFSDM1 kernel
0.9
0.8
0.7
HRTIM
403735
Bridge APB2
0.1
0.1
0.1
Table 37. Peripheral current consumption in Run mode (continued)
Peripheral
IDD(Typ)
Unit
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More