データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1845593 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1845593
部品情報  Pin strip - PST 1,3/ 3-LV-5,0 R32
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1845593 データシート(HTML) 1 Page - PHOENIX CONTACT

  1845593 Datasheet HTML 1Page - PHOENIX CONTACT 1845593 Datasheet HTML 2Page - PHOENIX CONTACT 1845593 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1845593
08/25/2017   Page 1 / 3
Pin strip - PST 1,3/ 3-LV-5,0 R32 - 1845593
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, nominal current: 14 A, number of positions: 3, pitch: 5 mm, Color: black, contact surface: Tin, The pin
strip is made of highly temperature-resistant plastic and is therefore suitable for the reflow process.
Key Commercial Data
Packing unit
1
GTIN
GTIN
4046356966733
Custom tariff number
85366990
Technical data
Dimensions
Pitch
5 mm
Dimension a
10 mm
Constructional height
11.2 mm
Length of the solder pin
3.5 mm
General
Range of articles
PST 1,3/..-LV
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
13.5 A
Color
black
Number of positions
3
Standards and Regulations
Connection in acc. with standard
EN-VDE
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values


同様の部品番号 - 1845593

メーカー部品番号データシート部品情報
logo
Atom Lighting
18455 ATOM-18455 Datasheet
184Kb / 2P
Sanur
22nd of January 2025 08:47:09
logo
PHOENIX CONTACT
1845507 PHOENIX-1845507 Datasheet
84Kb / 4P
Housing - MDSTBV 2.5/ 4-G-5.08
1845523 PHOENIX-1845523 Datasheet
344Kb / 16P
Printed-circuit board connector - MDSTBV 2,5/ 6-G-5,08
1845536 PHOENIX-1845536 Datasheet
1Mb / 27P
MDSTBV 2,5/ 7-G-5,08 - PCB header
1845549 PHOENIX-1845549 Datasheet
1Mb / 26P
PCB header - MDSTBV 2,5/ 8-G-5,08
More results

同様の説明 - 1845593

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1713169 PHOENIX-1713169 Datasheet
88Kb / 5P
Pin strip - PST 1,3/ 3-5,0 R24
1805630 PHOENIX-1805630 Datasheet
111Kb / 5P
Pin strip - PST 1,3/ 3-5,0-SF
1935556 PHOENIX-1935556 Datasheet
65Kb / 4P
Pin strip - PST 1,3/17-5,0
1703057 PHOENIX-1703057 Datasheet
51Kb / 2P
Pin strip - PST 1,3/ 4-LV-5,0 L18
1704437 PHOENIX-1704437 Datasheet
44Kb / 1P
PST 1,3/ 2-LV-5,0
1704482 PHOENIX-1704482 Datasheet
44Kb / 1P
PST 1,3/ 4-LV-5,0
1704518 PHOENIX-1704518 Datasheet
44Kb / 1P
PST 1,3/ 5-LV-5,0
1704521 PHOENIX-1704521 Datasheet
44Kb / 1P
PST 1,3/ 6-LV-5,0
1705478 PHOENIX-1705478 Datasheet
82Kb / 4P
Pin strip - PST 1,3/ 3-H-5,0
1704505 PHOENIX-1704505 Datasheet
85Kb / 4P
Pin strip - PST 1,3/ 4-LV-5,0 C3
08/25/2017
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com