データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32469VG データシート(PDF) 219 Page - STMicroelectronics

部品番号 STM32469VG
部品情報  Arm® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469VG データシート(HTML) 219 Page - STMicroelectronics

Back Button STM32469VG Datasheet HTML 212Page - STMicroelectronics STM32469VG Datasheet HTML 213Page - STMicroelectronics STM32469VG Datasheet HTML 214Page - STMicroelectronics STM32469VG Datasheet HTML 215Page - STMicroelectronics STM32469VG Datasheet HTML 216Page - STMicroelectronics STM32469VG Datasheet HTML 217Page - STMicroelectronics STM32469VG Datasheet HTML 218Page - STMicroelectronics STM32469VG Datasheet HTML 219Page - STMicroelectronics STM32469VG Datasheet HTML 220Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 219 / 220 page
background image
DS11189 Rev 7
219/220
STM32F469xx
Revision history
219
04-May-2018
5
Updated Video Mode interfaces features, Section 2.14: Nested
vectored interrupt controller (NVIC) and Section 2.18: Power supply
schemes.
Updated Table 17: General operating conditions, Table 57: I/O current
injection susceptibility and Table 64: SPI dynamic characteristics.
Updated Figure 49: USB OTG full speed timings: definition of data
signal rise and fall time.
18-Jan-2021
6
Updated Table 2: STM32F469xx features and peripheral counts,
Table 109: LTDC characteristics and Table 119: UFBGA(176+25) -
Mechanical data.
Updated footnote 2 of Figure 41: Recommended NRST pin protection
and footnote 1 of Table 39: HSI oscillator characteristics.
Updated Section 6.2: LQFP144 package information.
Updated Figure 93: UFBGA(176+25) - Outline and Figure 94:
UFBGA(176+25) - Recommended footprint.
Minor text edits across the whole document.
05-May-2021
7
Updated Table 2: STM32F469xx features and peripheral counts.
Updated Section 1: Description.
Table 126. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More