| データシートサーチシステム |
|
STM32L072VZ データシート(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072VZ データシート(HTML) 103 Page - STMicroelectronics |
|
103 / 160 page ![]() DS10689 Rev 5 103/160 STM32L072xx Electrical characteristics 122 Equation 1: RAIN max formula The simplified formula above (Equation 1) is used to determine the maximum external impedance allowed for an error below 1/4 of LSB. Here N = 12 (from 12-bit resolution). RAIN TS fADC CADC 2 N2 + () ln × × ---------------------------------------------------------------- R ADC – < Table 65. RAIN max for fADC = 16 MHz(1) Ts (cycles) tS (µs) RAIN max for fast channels (k Ω) RAIN max for standard channels (kΩ) VDD > 2.7 V VDD > 2.4 V VDD > 2.0 V VDD > 1.8 V VDD > 1.75 V VDD > 1.65 V and TA > −10 °C VDD > 1.65 V and TA > 25 °C 1.5 0.09 0.5 < 0.1 NA NA NA NA NA NA 3.5 0.22 1 0.2 < 0.1 NA NA NA NA NA 7.5 0.47 2.5 1.7 1.5 < 0.1 NA NA NA NA 12.5 0.78 4 3.2 3 1 NA NA NA NA 19.5 1.22 6.5 5.7 5.5 3.5 NA NA NA < 0.1 39.5 2.47 13 12.2 12 10 NA NA NA 5 79.5 4.97 27 26.2 26 24 < 0.1 NA NA 19 160.5 10.03 50 49.2 49 47 32 < 0.1 < 0.1 42 1. Guaranteed by design. Table 66. ADC accuracy(1)(2)(3) Symbol Parameter Conditions Min Typ Max Unit ET Total unadjusted error 1.65 V < VDDA = VREF+ < 3.6 V, range 1/2/3 -2 4 LSB EO Offset error - 1 2.5 EG Gain error - 1 2 EL Integral linearity error - 1.5 2.5 ED Differential linearity error - 1 1.5 ENOB Effective number of bits 10.2 11 bits Effective number of bits (16-bit mode oversampling with ratio =256)(4) 11.3 12.1 - SINAD Signal-to-noise distortion 63 69 - dB SNR Signal-to-noise ratio 63 69 - Signal-to-noise ratio (16-bit mode oversampling with ratio =256)(4) 70 76 - THD Total harmonic distortion - -85 -73 |