| データシートサーチシステム |
|
SPC58NH84C3 データシート(PDF) 137 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NH84C3 データシート(HTML) 137 Page - STMicroelectronics |
|
137 / 147 page ![]() DS12304 Rev 5 137/147 SPC58EHx, SPC58NHx Ordering information 137 Table 77. RAM Options dual core (KByte) SPC58EH92 (10M) SPC58EH90 (8M) SPC58EH84 (6M) Type Start address End address Size (Kb) 1216(1) 960(1) 896(1) 256 256 256 PRAMC_0 0x40028000 0x40067FFF 256 256 256 256 PRAMC_1 0x40068000 0x400A7FFF 256 8 8 8 PRAMC_2 (STBY) 0x400A8000 0x400A9FFF 8 120 120 120 PRAMC_2 (STBY) 0x400AA000 0x400C7FFF 120 128 128 128 PRAMC_2 (STBY) 0x400C8000 0x400E7FFF 128 64 64 — PRAMC_3 0x400E8000 0x400F7FFF 64 256 — — PRAMC_3 0x400F8000 0x40137FFF 256 0.04 0.04 0.04 HSM emulated registers(2) 0x40137FC0 0x40137FE3 0.04 64 64 64 D-MEM CPU_0 0x50800000 0x5080FFFF 64 — — — D-MEM CPU_1 0x51800000 0x5180FFFF 64 64 64 64 D-MEM CPU_2 0x52800000 0x5280FFFF 64 32 32 32 I-MEM CPU_0 0x50000000 0x50007FFF 32 — — — I-MEM CPU_1 0x51000000 0x51007FFF 32 32 32 32 I-MEM CPU_2 0x52000000 0x52007FFF 32 1. Total RAM size is the sum of TCM and SRAM. 2. Overlayed at the end of PRAMC_3 (if HSM not used, all 256Kbyte of PRAMC_3 can be used in 10M configuration). |