データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58NH90C3 データシート(PDF) 110 Page - STMicroelectronics

部品番号 SPC58NH90C3
部品情報  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C3 データシート(HTML) 110 Page - STMicroelectronics

Back Button SPC58NH90C3 Datasheet HTML 106Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 107Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 108Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 109Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 110Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 111Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 112Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 113Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 147 page
background image
Package information
SPC58EHx, SPC58NHx
110/147
DS12304 Rev 5
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
The following table lists the case numbers for SPC58EHx, SPC58NHx.
5.1
eTQFP144 package information
Refer to Section 5.1.1: Package mechanical drawings and data information for full
description of below figures and table notes.
Table 63. Package case numbers
Package type
Device type
eTQFP144
Production
eLQFP176
Production
FPBGA302
Production
FPBGA386
Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More