データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58NH92C5 データシート(PDF) 133 Page - STMicroelectronics

部品番号 SPC58NH92C5
部品情報  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH92C5 データシート(HTML) 133 Page - STMicroelectronics

Back Button SPC58NH92C5 Datasheet HTML 129Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 130Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 131Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 132Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 133Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 134Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 135Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 136Page - STMicroelectronics SPC58NH92C5 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 147 page
background image
DS12304 Rev 5
133/147
SPC58EHx, SPC58NHx
Ordering information
137
Note:
Please contact your ST sales office to ask for the availability of a particular commercial
product.
Features (for instance, flash, RAM or peripherals) not included in the commercial product
cannot be used.
ST cannot be called to take any liability for features used outside the commercial product.
Table 74. Code Flash Options FOTA (KByte)
SPC58xH92
(10M)
SPC58xH90
(8M)
SPC58xH84
(6M)
Partition
Start address
End address
RWR
RWW
16
16
16
0
1
0x00FC0000
0x00FC3FFF
16
16
16
0
1
0x00FC4000
0x00FC7FFF
16
16
16
0
1
0x00FC8000
0x00FCBFFF
16
16
16
0
1
0x00FCC000
0x00FCFFFF
32
32
32
0
1
0x00FD0000
0x00FD7FFF
32
32
32
0
1
0x00FD8000
0x00FDFFFF
64
64
64
0
1
0x00FE0000
0x00FEFFFF
64
64
64
0
1
0x00FF0000
0x00FFFFFF
128
128
128
0
1
0x01000000
0x0101FFFF
128
128
128
0
1
0x01020000
0x0103FFFF
256
256
256
0
1
0x01040000
0x0107FFFF
256
256
256
0
1
0x01080000
0x010BFFFF
256
256
256
0
1
0x010C0000
0x010FFFFF
256
256
256
0
1
0x01100000
0x0113FFFF
256
256
256
0
1
0x01140000
0x0117FFFF
256
256
256
0
1
0x01180000
0x011BFFFF
256
256
256
0
4
0x011C0000
0x011FFFFF
256
256
256
0
4
0x01200000
0x0123FFFF
256
256
256
0
4
0x01240000
0x0127FFFF
256
256
256
0
4
0x01280000
0x012BFFFF
256
256
—
0
4
0x012C0000
0x012FFFFF
256
256
—
0
4
0x01300000
0x0133FFFF
256
—
—
0
4
0x01340000
0x0137FFFF
256
—
—
0
4
0x01380000
0x013BFFFF
256
256
256
1
5
0x013C0000
0x013FFFFF
256
256
256
1
5
0x01400000
0x0143FFFF
256
256
256
1
5
0x01440000
0x0147FFFF
256
256
256
1
5
0x01480000
0x014BFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More