| データシートサーチシステム |
|
STM32L031C4 データシート(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4 データシート(HTML) 118 Page - STMicroelectronics |
|
118 / 126 page ![]() Package information STM32L031x4/6 118/126 DS10668 Rev 6 7.8 Thermal characteristics The maximum chip-junction temperature, TJ max, in degrees Celsius, may be calculated using the following equation: TJ max = TA max + (PD max × ΘJA) Where: • TA max is the maximum ambient temperature in ° C, •ΘJA is the package junction-to-ambient thermal resistance, in ° C/W, • PD max is the sum of PINT max and PI/O max (PD max = PINT max + PI/Omax), • PINT max is the product of IDD and VDD, expressed in Watts. This is the maximum chip internal power. PI/O max represents the maximum power dissipation on output pins where: PI/O max = Σ (VOL × IOL) + Σ((VDD – VOH) × IOH), taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the application. Table 77. Thermal characteristics Symbol Parameter Value Unit ΘJA Thermal resistance junction-ambient LQFP48 - 7 x 7 mm / 0.5 mm pitch 57 °C/W Thermal resistance junction-ambient UFQFPN48 - 7 x 7 mm / 0.5 mm pitch 32 Thermal resistance junction-ambient LQFP32 - 7 x 7 mm / 0.8 mm pitch 60 Thermal resistance junction-ambient UFQFPN32 - 5 x 5 mm / 0.5 mm pitch 39 Thermal resistance junction-ambient UFQFPN28 - 4 x 4 mm / 0.5 mm pitch 120 Thermal resistance junction-ambient WLCSP25 - 0.4 mm pitch 70 Thermal resistance junction-ambient TSSOP20 - 169 mils 60 |