データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1805180 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1805180
部品情報  Photovoltaic connector - PV-FT-CM-C-6-130-RD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1805180 データシート(HTML) 1 Page - PHOENIX CONTACT

  1805180 Datasheet HTML 1Page - PHOENIX CONTACT 1805180 Datasheet HTML 2Page - PHOENIX CONTACT 1805180 Datasheet HTML 3Page - PHOENIX CONTACT 1805180 Datasheet HTML 4Page - PHOENIX CONTACT 1805180 Datasheet HTML 5Page - PHOENIX CONTACT 1805180 Datasheet HTML 6Page - PHOENIX CONTACT 1805180 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1805180
09/12/2020   Page 1 / 7
Photovoltaic connector - PV-FT-CM-C-6-130-RD - 1805180
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Photovoltaic connector, Photovoltaic connector, housing material: PPE, color: black, number of positions: 1,
min. conductor cross section: 6 mm², Connection method: Crimp, Type of contact: Pin, cable length: 130
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356671453
Technical data
Dimensions
Fixed cable length
130 mm
External cable diameter
5.4 mm ±0.15 mm
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Degree of protection (not plugged in)
IP20
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-25 °C ... 50 °C
General
Design
Pin
Tightening torque nut
1.8 Nm ±0.1 Nm
Insertion force
45 N ±10 N
Disconnect force
250 N ±50 N (when locked)
Pull-out force of cable >= disconnect force
> 80 N
Insertion/withdrawal cycles
100
Cable cross section
6 mm²
Degree of pollution
3
Degree of protection
IP20


同様の部品番号 - 1805180

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1805181 PHOENIX-1805181 Datasheet
123Kb / 9P
   Printed-circuit board connector - MVSTBR 2.5/ 4-ST 5.08AU
More results

同様の説明 - 1805180

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-4-130-RD
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-6-500-RD
1705996 PHOENIX-1705996 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-2,5-300-RD
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-130-BU
1806037 PHOENIX-1806037 Datasheet
107Kb / 7P
   Photovoltaic connector - PV-FT-CM-C-6-350-BK
09/12/2020
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-4-130-BU
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
   Photovoltaic connector - PV-CM-C-HSG
09/12/2020
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-6-500-BK
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com