データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1805180 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1805180
部品情報  Photovoltaic connector - PV-FT-CM-C-6-130-RD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1805180 データシート(HTML) 2 Page - PHOENIX CONTACT

  1805180 Datasheet HTML 1Page - PHOENIX CONTACT 1805180 Datasheet HTML 2Page - PHOENIX CONTACT 1805180 Datasheet HTML 3Page - PHOENIX CONTACT 1805180 Datasheet HTML 4Page - PHOENIX CONTACT 1805180 Datasheet HTML 5Page - PHOENIX CONTACT 1805180 Datasheet HTML 6Page - PHOENIX CONTACT 1805180 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1805180
09/12/2020   Page 2 / 7
Photovoltaic connector - PV-FT-CM-C-6-130-RD - 1805180
Technical data
General
Number of positions
1
Locking type
Latching (can only be released using tool)
Current
40 A
Rated surge voltage (III/3)
16 kV
pluggable
Yes
Rated voltage
1500 V
Rated current (6.0 mm²)
40 A
Nominal cross section
6 mm²
Protection class
II
Material
Color
black
Insulating material
mPPE
Contact material
Cu
Contact surface material
Ag
Flammability rating according to UL 94
V0
Connection data
Connection method
Crimp
Connection capacity
6 mm²
Contact resistance with connected conductor
≤ 0.45 mΩ
Cable type
S03
Conductor
Outer sheath, material
PE-X
External sheath, color
red, similar to RAL 3000
Smallest bending radius, fixed installation
27 mm (5x Ø)
Smallest bending radius, movable installation
54 mm (10x Ø)
Standards and Regulations
Flame resistance
no
Resistance to oil
no
Halogen-free
yes
Flammability rating according to UL 94
V0
Safety note
• WARNING: Commission properly functioning products only. The
products must be regularly inspected for damage. Decommission
defective products immediately. Replace damaged products. Repairs
are not possible.
• WARNING: Only electrically qualified personnel may install and
operate the product. They must observe the following safety notes.
The qualified personnel must be familiar with the basics of electrical
engineering. They must be able to recognize and prevent danger. The
relevant symbol on the packaging indicates that only personnel familiar
with electrical engineering are allowed to install and operate the product.


同様の部品番号 - 1805180

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1805181 PHOENIX-1805181 Datasheet
123Kb / 9P
   Printed-circuit board connector - MVSTBR 2.5/ 4-ST 5.08AU
More results

同様の説明 - 1805180

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-4-130-RD
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-6-500-RD
1705996 PHOENIX-1705996 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-2,5-300-RD
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-130-BU
1806037 PHOENIX-1806037 Datasheet
107Kb / 7P
   Photovoltaic connector - PV-FT-CM-C-6-350-BK
09/12/2020
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-4-130-BU
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
   Photovoltaic connector - PV-CM-C-HSG
09/12/2020
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-6-500-BK
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com