データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1806024 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1806024
部品情報  Photovoltaic connector - PV-FT-CF-C-6-350-BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1806024 データシート(HTML) 1 Page - PHOENIX CONTACT

  1806024 Datasheet HTML 1Page - PHOENIX CONTACT 1806024 Datasheet HTML 2Page - PHOENIX CONTACT 1806024 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1806024
11/04/2018   Page 1 / 3
Photovoltaic connector - PV-FT-CF-C-6-350-BK - 1806024
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Photovoltaic connector, Photovoltaic connector, color: black, Conductor cross section: 6, Connection method:
Crimp, Type of contact: Socket, Cable length: 350. can only be released using a tool
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356688932
Technical data
Dimensions
Fixed cable length
350 mm
External cable diameter
5.4 mm ±0.15 mm
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Degree of protection (not plugged in)
IP65
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-25 °C ... 50 °C
General
Design
Socket
Tightening torque nut
1.8 Nm ±0.1 Nm
Insertion force
45 N ±10 N
Disconnect force
250 N ±50 N
Pull-out force of cable >= disconnect force
> 80 N
Rated voltage
1500 V
Rated current (6.0 mm²)
40 A
Nominal cross section
6 mm²
Protection class
II


同様の部品番号 - 1806024

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1806009 PHOENIX-1806009 Datasheet
77Kb / 6P
   Plug - FRONT-GMSTB 2,5/ 4-STF-7,62
1806037 PHOENIX-1806037 Datasheet
107Kb / 7P
   Photovoltaic connector - PV-FT-CM-C-6-350-BK
09/12/2020
1806038 PHOENIX-1806038 Datasheet
103Kb / 6P
   Printed-circuit board connector - FRONT-GMSTB 2,5/ 5-STF-7,62
1806041 PHOENIX-1806041 Datasheet
78Kb / 6P
   Printed-circuit board connector - FRONT-GMSTB 2,5/ 6-STF-7,62
1806041 PHOENIX-1806041 Datasheet
154Kb / 5P
   GMSTBV 2,5/ 6-GF-7,62
More results

同様の説明 - 1806024

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-6-500-BK
1806037 PHOENIX-1806037 Datasheet
107Kb / 7P
   Photovoltaic connector - PV-FT-CM-C-6-350-BK
09/12/2020
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-130-BU
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-4-130-BU
1705995 PHOENIX-1705995 Datasheet
76Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-300-BU
1622661 PHOENIX-1622661 Datasheet
320Kb / 10P
   Photovoltaic connector - PV-CF-C-HSG
1623071 PHOENIX-1623071 Datasheet
58Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-2,5-170-BU-FE
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-6-500-RD
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
   Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com