データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1806037 データシート(PDF) 3 Page - PHOENIX CONTACT

部品番号 1806037
部品情報  Photovoltaic connector - PV-FT-CM-C-6-350-BK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1806037 データシート(HTML) 3 Page - PHOENIX CONTACT

  1806037 Datasheet HTML 1Page - PHOENIX CONTACT 1806037 Datasheet HTML 2Page - PHOENIX CONTACT 1806037 Datasheet HTML 3Page - PHOENIX CONTACT 1806037 Datasheet HTML 4Page - PHOENIX CONTACT 1806037 Datasheet HTML 5Page - PHOENIX CONTACT 1806037 Datasheet HTML 6Page - PHOENIX CONTACT 1806037 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1806037
09/12/2020   Page 3 / 7
Photovoltaic connector - PV-FT-CM-C-6-350-BK - 1806037
Technical data
Standards and Regulations
WARNING: The connectors may not be plugged in or disconnected
under load. Ignoring the warning or improper use may damage persons
and/or property.
• The products are suitable for applications in plant, controller, and
electrical device engineering.
• Assembled products may not be manipulated or improperly opened.
• Only use mating connectors that are specified in the technical data
of the standards listed (e.g. the ones listed in the product accessories
online at phoenixcontact.com/products).
• When using the product in direct connection with third-party
manufacturers, the user is responsible.
• For operating voltages > 50 V AC, conductive connector housings must
be grounded
• Ensure that the protective or functional ground has been properly
connected.
• Observe the corresponding technical data. You will find information:
o On the product
o On the packing label
o In the supplied documentation
o Online at phoenixcontact.com/products under the product
• The installation notes/Design In documents online on the download
page at phoenixcontact.com/products must be observed for this product.
• Use a protective cap to protect connectors that are not in use. The
suitable accessories are available online in the accessory section of the
product at phoenixcontact.com/products
• The connector warms up in normal operation. Depending on the
ambient conditions, the surface of the connector can continue to warm
up. In this case, the user is responsible for posting warnings (e.g. DIN
EN ISO 13732-1:2008-12).
• Operate the connector only when it is fully plugged in and interlocked.
• Ensure that when laying the cable, the tensile load on the connectors
does not exceed the upper limit specified in the standards.
• Observe the minimum bending radius of the cable. Lay the cable
without twisting it.
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings


同様の部品番号 - 1806037

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1806038 PHOENIX-1806038 Datasheet
103Kb / 6P
Printed-circuit board connector - FRONT-GMSTB 2,5/ 5-STF-7,62
More results

同様の説明 - 1806037

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
Photovoltaic connector - PV-FT-CF-C-6-500-BK
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-6-500-RD
1705996 PHOENIX-1705996 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-300-RD
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
Photovoltaic connector - PV-FT-CM-C-4-130-RD
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-130-BU
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
Photovoltaic connector - PV-CM-C-HSG
09/12/2020
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com