データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1806037 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1806037
部品情報  Photovoltaic connector - PV-FT-CM-C-6-350-BK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1806037 データシート(HTML) 1 Page - PHOENIX CONTACT

  1806037 Datasheet HTML 1Page - PHOENIX CONTACT 1806037 Datasheet HTML 2Page - PHOENIX CONTACT 1806037 Datasheet HTML 3Page - PHOENIX CONTACT 1806037 Datasheet HTML 4Page - PHOENIX CONTACT 1806037 Datasheet HTML 5Page - PHOENIX CONTACT 1806037 Datasheet HTML 6Page - PHOENIX CONTACT 1806037 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1806037
09/12/2020   Page 1 / 7
Photovoltaic connector - PV-FT-CM-C-6-350-BK - 1806037
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Photovoltaic connector, Photovoltaic connector, housing material: PPE, color: black, number of positions: 1,
min. conductor cross section: 6 mm², Connection method: Crimp, Type of contact: Pin, cable length: 350
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356688949
Technical data
Dimensions
Fixed cable length
350 mm
External cable diameter
5.4 mm ±0.15 mm
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Degree of protection (not plugged in)
IP20
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-25 °C ... 50 °C
General
Design
Pin
Tightening torque nut
1.8 Nm ±0.1 Nm
Insertion force
45 N ±10 N
Disconnect force
250 N ±50 N (when locked)
Pull-out force of cable >= disconnect force
> 80 N
Insertion/withdrawal cycles
100
Cable cross section
6 mm²
Degree of pollution
3
Degree of protection
IP20


同様の部品番号 - 1806037

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1806038 PHOENIX-1806038 Datasheet
103Kb / 6P
   Printed-circuit board connector - FRONT-GMSTB 2,5/ 5-STF-7,62
More results

同様の説明 - 1806037

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-6-500-RD
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
   Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-6-500-BK
1705996 PHOENIX-1705996 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-2,5-300-RD
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-4-130-RD
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
   Photovoltaic connector - PV-CM-C-HSG
09/12/2020
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-130-BU
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com