データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1953606 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1953606
部品情報  Feed-through header - MCDN 1,5/10-G1-3,5 RNP26THR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1953606 データシート(HTML) 1 Page - PHOENIX CONTACT

  1953606 Datasheet HTML 1Page - PHOENIX CONTACT 1953606 Datasheet HTML 2Page - PHOENIX CONTACT 1953606 Datasheet HTML 3Page - PHOENIX CONTACT 1953606 Datasheet HTML 4Page - PHOENIX CONTACT 1953606 Datasheet HTML 5Page - PHOENIX CONTACT 1953606 Datasheet HTML 6Page - PHOENIX CONTACT 1953606 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1953606
09/12/2020   Page 1 / 7
Feed-through header - MCDN 1,5/10-G1-3,5 RNP26THR - 1953606
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 8 A, rated voltage (III/2): 160 V, nominal cross section: 1.5 mm², number of
positions: 10, pitch: 3.5 mm, color: black, contact surface: Tin, mounting: THR soldering, pin layout: Linear
pinning, solder pin [P]: 2.6 mm, Article with engagement nose. The pin length is 2.6 mm. User information and
design recommendations on Through Hole Reflow Technology can be found at: "Downloads"
The figure shows a 10-pos. version
with 20 contacts
Your advantages
 Designed for integration into the SMT soldering process
 Intuitive locking mechanism prevents accidental disconnection
 Conductor connection on several levels enables higher contact density
Key Commercial Data
Packing unit
30 pc
Minimum order quantity
30 pc
GTIN
GTIN
4017918919511
Technical data
Dimensions
Length [ l ]
13.3 mm
Width
38.7 mm
Pitch
3.5 mm
Dimension a
31.5 mm
Width [ w ]
38.7 mm
Height [ h ]
17.8 mm
Installed height
15.2 mm
Length of the solder pin
2.6 mm
Pin dimensions
0.8 x 0.8 mm
Pin spacing
3.50 mm
Length
13.3 mm


同様の部品番号 - 1953606

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1953619 PHOENIX-1953619 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/11-G1-3,5 RNP26THR
09/12/2020
1953622 PHOENIX-1953622 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/12-G1-3,5 RNP26THR
1953635 PHOENIX-1953635 Datasheet
466Kb / 11P
MCDN 1,5/13-G1-3,5 RNP26THR - PCB header
1953648 PHOENIX-1953648 Datasheet
134Kb / 7P
Feed-through header - MCDN 1,5/14-G1-3,5 RNP26THR
1953651 PHOENIX-1953651 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/15-G1-3,5 RNP26THR
09/12/2020
More results

同様の説明 - 1953606

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1953703 PHOENIX-1953703 Datasheet
118Kb / 6P
Feed-through header - MCDN 1,5/20-G1-3,5 RNP26THR
1953622 PHOENIX-1953622 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/12-G1-3,5 RNP26THR
1953648 PHOENIX-1953648 Datasheet
134Kb / 7P
Feed-through header - MCDN 1,5/14-G1-3,5 RNP26THR
1953567 PHOENIX-1953567 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/ 6-G1-3,5 RNP26THR
1953428 PHOENIX-1953428 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/ 4-G1-3,5 RNP26THR
1953583 PHOENIX-1953583 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/ 8-G1-3,5 RNP26THR
1953554 PHOENIX-1953554 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/ 5-G1-3,5 RNP26THR
09/12/2020
1953596 PHOENIX-1953596 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/ 9-G1-3,5 RNP26THR
09/12/2020
1953619 PHOENIX-1953619 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/11-G1-3,5 RNP26THR
09/12/2020
1953651 PHOENIX-1953651 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/15-G1-3,5 RNP26THR
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com