データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA-012 データシート(PDF) 1 Page - Socay Electornics Co., Ltd.

部品番号 KA-012
部品情報  Radial Lead Transient Voltage Suppressors (TVS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KA-012 データシート(HTML) 1 Page - Socay Electornics Co., Ltd.

  KA-012 Datasheet HTML 1Page - Socay Electornics Co., Ltd. KA-012 Datasheet HTML 2Page - Socay Electornics Co., Ltd. KA-012 Datasheet HTML 3Page - Socay Electornics Co., Ltd. KA-012 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radial Lead Transient Voltage Suppressors (TVS)
Revision November 26, 2020
1 / 4
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
KA Series
SOCAY Electronics Corp., Ltd.
www.socay.com
The KA Series of high current transient suppressors have been
specially designed for use in A.C. line protection and any
demanding applications (AC or DC). Any voltage rise due to
increased current conduction is contained to a minimum, providing
the best possible protection level. They can also be connected in
series and/or parallel to create very high capacity protection
solutions.
Axial lead terminals
High current transient suppressor
Excellent Clamping Capability
Glass Passivated Junction
Bi-directional
Low Slope Resistance
Repetition Rate (duty cycle):0.01%
Hazardous Substances Free
RoHS Compliant
High Temperature soldering: 260°C/10 seconds at terminals
Epoxy Encapsulated
Silver plated leads
Solderable per MIL-STD-202 Method 208
Parameter
Symbol
Value
Unit
Operating junction
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Current Rating1
IPP
3
KA
Notes:
1. Rated IPP measured with 8 × 20μs pulse.
Maximum Ratings (TA=25℃ unless otherwise noted)
Description
Features
Functional Diagram
Bi-directional


同様の部品番号 - KA-012

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
KA-012 SOCAY-KA-012 Datasheet
188Kb / 4P
Radial Lead Transient Voltage Suppressors
KA-012 SOCAY-KA-012 Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - KA-012

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
Radial Lead Transient Voltage Suppressors
KC-012 SOCAY-KC-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KD-012 SOCAY-KD-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
K1-076 UNSEMI-K1-076 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA UNSEMI-KA Datasheet
2Mb / 4P
3KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA1-380 UNSEMI-KA1-380 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KB UNSEMI-KB Datasheet
2Mb / 4P
6KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KC UNSEMI-KC Datasheet
2Mb / 4P
10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KD UNSEMI-KD Datasheet
2Mb / 4P
15KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com