データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA-012 データシート(PDF) 3 Page - Socay Electornics Co., Ltd.

部品番号 KA-012
部品情報  Radial Lead Transient Voltage Suppressors (TVS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KA-012 データシート(HTML) 3 Page - Socay Electornics Co., Ltd.

  KA-012 Datasheet HTML 1Page - Socay Electornics Co., Ltd. KA-012 Datasheet HTML 2Page - Socay Electornics Co., Ltd. KA-012 Datasheet HTML 3Page - Socay Electornics Co., Ltd. KA-012 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Radial Lead Transient Voltage Suppressors (TVS)
Revision November 26, 2020
3 / 4
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
KA Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Weight
Contact manufacturer
Case
Epoxy encapsulated
Terminal
Silver plated leads, solderable per MIL-STD-750, Method 2026
Reflow Condition
Lead–free assembly
Pre Heat
-Temperature Min (Ts(min))
150°C
-Temperature Max (Ts(max))
200°C
- Time (min to max) (Ts)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3°C/second max
TS(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (TL) (Liquidus) 217°C
- Time (min to max) (TL)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5°C
Time within 5°C of actual peak
Temperature (tp)
20 -40 Seconds
Peak Temperature :
265°C
Ramp-down Rate
6°C/second max
Dipping Time :
10 seconds
Time 25°C to peak Temperature (TP)
8 minutes Max
Soldering :
1 time
Do not exceed
280°C
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
Ratings and Characteristic Curves (TA=25°C unless otherwise noted) (Continued)
Soldering Parameters
Physical Specifications
Flow/Wave Soldering (Solder Dipping)
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Pulse Derating Curve
0
25
50
75
100 125 150
175
200
100
80
60
40
20
0
TA-Ambient temperature(°C)


同様の部品番号 - KA-012

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
KA-012 SOCAY-KA-012 Datasheet
188Kb / 4P
   Radial Lead Transient Voltage Suppressors
KA-012 SOCAY-KA-012 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - KA-012

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
KC-012 SOCAY-KC-012_V01 Datasheet
1Mb / 4P
   Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KD-012 SOCAY-KD-012_V01 Datasheet
1Mb / 4P
   Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
KB UNSEMI-KB Datasheet
2Mb / 4P
   6KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KC UNSEMI-KC Datasheet
2Mb / 4P
   10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA1-380 UNSEMI-KA1-380 Datasheet
2Mb / 4P
   1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
K1-076 UNSEMI-K1-076 Datasheet
2Mb / 4P
   1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA UNSEMI-KA Datasheet
2Mb / 4P
   3KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KD UNSEMI-KD Datasheet
2Mb / 4P
   15KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
   Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
   Radial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com