データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UN2119 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 UN2119
部品情報  Silicon PNP epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN2119 データシート(HTML) 1 Page - Panasonic Semiconductor

  UN2119 Datasheet HTML 1Page - Panasonic Semiconductor UN2119 Datasheet HTML 2Page - Panasonic Semiconductor UN2119 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: March 2004
SJJ00131BED
Composite Transistors
XP01119 (XP1119)
Silicon PNP epitaxial planar type
For switching/digital circuits
■ Features
• Two elements incorporated into one package
(Emitter-coupled transistors with built-in resistor)
• Reduction of the mounting area and assembly cost by one half
■ Basic Part Number
• UNR2119 (UN2119) × 2
■ Absolute Maximum Ratings T
a
= 25°C
Internal Connection
Marking Symbol: 7P
■ Electrical Characteristics T
a
= 25°C ± 3°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Ratio between 2 elements
12
Tr1
Tr2
3
4
5
Note) The part number in the parenthesis shows conventional part number.
1: Base (Tr1)
4: Collector (Tr2)
2: Emitter
5: Collector (Tr1)
3: Base (Tr2)
EIAJ: SC-88A
SMini5-G1 Package
Unit: mm
1
3
2
0.20±0.05
1.3±0.1
2.0±0.1
54
(0.65) (0.65)
0.12
+0.05
–0.02
10˚
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= −10 µA, I
E
= 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC = −2 mA, IB = 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −50 V, IE = 0
− 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE
= −50 V, I
B
= 0
− 0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = −6 V, IC = 0
−1.5
mA
Forward current transfer ratio
hFE
VCE = −10 V, IC = −5 mA
30
hFE Ratio *
hFE(Small
VCE
= −10 V, I
C
= −5 mA
0.50
0.99
/Large)
Collector-emitter saturation voltage
VCE(sat)
IC
= −10 mA, I
B
= − 0.3 mA
− 0.25
V
Output voltage high-level
VOH
VCC = −5 V, VB = − 0.5 V, RL = 1 kΩ−4.9
V
Output voltage low-level
VOL
VCC = −5 V, VB = −2.5 V, RL = 1 kΩ− 0.2
V
Input resistance
R1
−30%
1
+30%
k
Resistance ratio
R1 / R2
0.08
0.10
0.12
Transition frequency
fT
VCB = −10 V, IE = 1 mA, f = 200 MHz
80
MHz
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−50
V
Collector-emitter voltage (Base open)
VCEO
−50
V
Collector current
IC
−100
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C


同様の部品番号 - UN2119

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
UN2119 PANASONIC-UN2119 Datasheet
235Kb / 17P
   Silicon PNP epitaxial planer transistor
More results

同様の説明 - UN2119

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com