データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CT-1205CL-SMT-TR データシート(PDF) 1 Page - CUI INC

部品番号 CT-1205CL-SMT-TR
部品情報  MAGNETIC BUZZER INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

CT-1205CL-SMT-TR データシート(HTML) 1 Page - CUI INC

  CT-1205CL-SMT-TR Datasheet HTML 1Page - CUI INC CT-1205CL-SMT-TR Datasheet HTML 2Page - CUI INC CT-1205CL-SMT-TR Datasheet HTML 3Page - CUI INC CT-1205CL-SMT-TR Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 02/11/2022
page 1 of 4
MODEL: CT-1205CL-SMT-TR
│ DESCRIPTION: MAGNETIC BUZZER INDICATOR
cuidevices.com
FEATURES
• surface mount
• washable
• internally driven
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
5
Vdc
operating voltage
4
7
Vdc
current consumption
30
mA
rated frequency
2,250
2,400
2,550
Hz
sound pressure level
at 10 cm (A-weight), rated voltage
88
92
dBA
dimensions
12.8 x 12.8 x 7.1
mm
weight
2
g
material
PPS (S-206)
terminal
SMT type (Sn plating)
operating temperature
-30
70
°C
storage temperature
-40
85
°C
RoHS
yes
Notes:
1.Allspecificationsmeasuredat5~35°C,humidityat45~85%,under86~106kPapressure,unlessotherwisenoted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reel storage
atrelativehumidity<40%
25
°C
reflowsoldering2
seerecommendedreflowsolderingprofile
260
°C
drying conditions3
bakeat40°Cfor24hours
Note:
2.Itisrecommendedtoreflowsolderwithin48hoursfromopeningvacuumpackagingatatemperature<30°C&relativehumidity<60%.
3.Whenoutofpackagingformorethan48hours.
Peak Temp 260°C
255°C
217°C
200°C
150°C
60~180 sec
60~150 sec
20~40 sec
Time (sec)
SMT Reflow Solder Profile (Pb Free)
Additional Resources: Product Page | 3D Model | PCB Footprint


同様の部品番号 - CT-1205CL-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI Devices
CT-1205CL-SMT-TR CUID-CT-1205CL-SMT-TR Datasheet
429Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
More results

同様の説明 - CT-1205CL-SMT-TR

メーカー部品番号データシート部品情報
logo
CUI INC
CMI-1275C-050 CUI-CMI-1275C-050 Datasheet
400Kb / 4P
MAGNETIC BUZZER INDICATOR
CMI-9653S-SMT CUI-CMI-9653S-SMT Datasheet
535Kb / 4P
MAGNETIC BUZZER INDICATOR
CT-1205CL-SMT CUI-CT-1205CL-SMT Datasheet
195Kb / 3P
MAGNETIC BUZZER INDICATOR
CX-0905C CUI-CX-0905C_V01 Datasheet
365Kb / 3P
MAGNETIC BUZZER INDICATOR
03/18/2020
CMI-1210-5-95T CUI-CMI-1210-5-95T Datasheet
406Kb / 4P
MAGNETIC BUZZER INDICATOR
11/24/2021
CMI-1295IC-1285T CUI-CMI-1295IC-1285T Datasheet
348Kb / 4P
MAGNETIC BUZZER INDICATOR
11/13/2019
CMI-1614C-120 CUI-CMI-1614C-120_V01 Datasheet
397Kb / 4P
MAGNETIC BUZZER INDICATOR
11/22/2019
logo
CUI Devices
CMI-9655S-SMT-TR CUID-CMI-9655S-SMT-TR Datasheet
418Kb / 4P
MAGNETIC BUZZER INDICATOR
12/15/2022
CMI-1265-88-SMT-TR CUID-CMI-1265-88-SMT-TR Datasheet
308Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
CMI-1275-85T CUID-CMI-1275-85T Datasheet
328Kb / 4P
MAGNETIC BUZZER INDICATOR
08/05/2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com