データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA2Q739 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 MA2Q739
部品情報  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2Q739 データシート(HTML) 1 Page - Panasonic Semiconductor

  MA2Q739 Datasheet HTML 1Page - Panasonic Semiconductor MA2Q739 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA2Q739
Silicon epitaxial planar type
For high-frequency rectification
I Features
• Forward current (average) I
F(AV): 0.7 A type
• Reverse voltage (DC value) V
R: 90 V
• Allowing automatic insertion with the emboss taping
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
90
V
Repetitive peak reverse voltage
VRRM
90
V
Average forward current*
1
IF(AV)
0.7
A
Non-repetitive peak forward
IFSM
10
A
surge current*
2
Junction temperature
Tj
−40 to +125
°C
Storage temperature
Tstg
−40 to +125
°C
1 : Anode
2 : Cathode
New Mini-Power Type Package (2-pin)
Note) *1 : With a printed-circuit board
*2 : The peak-to-peak value in one cycle of 50 Hz sine-wave
(non-repetitive)
Marking Symbol: PE
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 90 V
1
mA
Forward voltage (DC)
VF
IF = 0.7 A
0.8
V
Terminal capacitance
Ct
VR = 10 V, f = 1 MHz
50
pF
Reverse recovery time*
trr
IF = IR = 100 mA
100
ns
Irr = 10 mA, RL = 100 Ω
I Electrical Characteristics T
a
= 25°C
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a
human body and the leakage of current from the operating equipment.
2. Rated input/output frequency: 10 MHz
3. * : trr measuring instrument
4.4
± 0.3
0 to 0.05
21
5.0
+ 0.4
− 0.1
1.2
± 0.4
1.2
± 0.4
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 10 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A


同様の部品番号 - MA2Q739

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
63Kb / 3P
Silicon epitaxial planar type
More results

同様の説明 - MA2Q739

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
Silicon epitaxial planar type
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com