データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA2X707 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 MA2X707
部品情報  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2X707 データシート(HTML) 1 Page - Panasonic Semiconductor

  MA2X707 Datasheet HTML 1Page - Panasonic Semiconductor MA2X707 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA2X707
Silicon epitaxial planar type
For UHF mixer
I Features
• Small forward voltage V
F
• Optimum for UHF mixer because of its large conversion gain
(GC)
• Mini type package, allowing downsizing of equipment and
automatic insertion through the taping package
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
5V
Forward voltage
VF
0.5
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Marking Symbol: 5B
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward current (DC)
IF
VF = 0.5 V
35
100
mA
Reverse current (DC)
IR
VR = 5 V
35
µA
Forward voltage (DC)
VF
IF = 2 mA
0.25
V
Reverse break down voltage (DC)
V(BR)R
IR = 1 mA
5
V
Terminal capacitance
Ct
VR = 0.5 V, f = 1 MHz
0.65
0.85
1.05
pF
Conversion gain*
1,2
GC
RF = 890 MHz, LO = 935 MHz, IF = 45 MHz
−7
−5dB
Static breakdown strength
C = 100 pF, Breakdown judgment
100
200
V
point IR
≥ 35 µA
I Electrical Characteristics T
a = 25°C
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a
human body and the leakage of current from the operating equipment
2. Noise figure is 8.5 dB.
3. Rated input/output frequency: 935 MHz
4. *1 : Judgement is to be made per each chip lot. Sampling of LTPD = 20% and n = 11 is guaranteed.
*2 : Set min. GC =
−7 dB. Out-spec products, if any, this specification would be reviewed
12
3.3
± 0.2
*(3.8
± 0.2)
2.7
+ 0.2
− 0.1
INDICATES
CATHODE
5
°
5
°
*(
): WL type
1 : Anode
2 : Cathode
Mini Type Package (2-pin)


同様の部品番号 - MA2X707

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X329 PANASONIC-MA2X329 Datasheet
42Kb / 2P
   Silicon epitaxial planar type
MA2X333 PANASONIC-MA2X333 Datasheet
39Kb / 2P
   N type GaAs epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
   Silicon epitaxial planar type
More results

同様の説明 - MA2X707

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com