データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5230000S001 データシート(PDF) 1 Page - Littelfuse

部品番号 5230000S001
部品情報  523 Series 5횞20mm Fuse Clips for Automated Pick In Place (PIP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5230000S001 データシート(HTML) 1 Page - Littelfuse

  5230000S001 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/16/15
Cartridge Fuse Clips
Mounting Dimensions
RoHS
Pb
Materials
Copper alloy Solderable, tinned
Electrical Data (23ºC)
Rated Voltage: 250V
Max. Current/Power: 6.3A/2.5W
Mounting
PC Board, 5,2 mm pin spacing
Solder pins 0.4×1.2 mm
Solderability
245°C maximum, 3 sec. maximum (IEC 60068-
2-20)
Soldering Heat
Resistance
260 ºC, 10 s (IEC 60068-2-20)
Minimum Cross
Section
Conducting path - 0.2mm2
Unit Weight
0.4g
Product Characteristics (For 523 PIP Clip)
Product Dimensions
Ordering Information
Ordering PN
Clip Material
Plating
Packaging
Available
5230000S001 Phosphor Bronze
Tin-plated Tape and reel 800
pcs
523 Series 5×20mm Fuse Clips for Automated Pick In Place (PIP)
Additional Information
Datasheet
Samples
Resources


同様の部品番号 - 5230000S001

メーカー部品番号データシート部品情報
logo
Littelfuse
5230000S001 LITTELFUSE-5230000S001 Datasheet
667Kb / 1P
Cartridge Fuse Clips
02/16/15
More results

同様の説明 - 5230000S001

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
Fuse Clips
logo
Coto Technology
CT10-XXXX-G1 COTO-CT10-XXXX-G1 Datasheet
152Kb / 1P
Ideal for SMD pick and place
logo
Festo Corporation.
HSP-12-AP-SD FESTO-HSP-12-AP-SD Datasheet
82Kb / 2P
Pick and place machine
HSP-12-AP-SD-WL FESTO-HSP-12-AP-SD-WL Datasheet
84Kb / 2P
Pick and place machine
HSP-12-AS FESTO-HSP-12-AS Datasheet
85Kb / 2P
Pick and place machine
HSP-16-AP-SD FESTO-HSP-16-AP-SD Datasheet
83Kb / 2P
Pick and place machine
HSP-16-AP-WL FESTO-HSP-16-AP-WL Datasheet
99Kb / 2P
Pick and place machine
logo
Littelfuse
51900001009 LITTELFUSE-51900001009 Datasheet
1Mb / 1P
111/519 Series 5mm Fuse Clips Taped for Automated Insertion
Revised: 02/22/15
646 LITTELFUSE-646_V01 Datasheet
202Kb / 1P
646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
649 LITTELFUSE-649_V01 Datasheet
410Kb / 1P
649 Series Molded Fuse Block, PC Mount for 5횞20mm Fuses
Revised: 01/31/18
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com