データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MBT3904L データシート(PDF) 2 Page - AiT Semiconductor Inc.

部品番号 MBT3904L
部品情報  SWITCHING TRANSISTOR NPN TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AITSEMI [AiT Semiconductor Inc.]
ホームページ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MBT3904L データシート(HTML) 2 Page - AiT Semiconductor Inc.

  MBT3904L Datasheet HTML 1Page - AiT Semiconductor Inc. MBT3904L Datasheet HTML 2Page - AiT Semiconductor Inc. MBT3904L Datasheet HTML 3Page - AiT Semiconductor Inc. MBT3904L Datasheet HTML 4Page - AiT Semiconductor Inc. MBT3904L Datasheet HTML 5Page - AiT Semiconductor Inc. MBT3904L Datasheet HTML 6Page - AiT Semiconductor Inc. MBT3904L Datasheet HTML 7Page - AiT Semiconductor Inc. MBT3904L Datasheet HTML 8Page - AiT Semiconductor Inc. MBT3904L Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MBT3904L
SWITCHING TRANSISTOR
NPN TRANSISTOR
REV1.2
- MAY 2011 RELEASED, JUN 2018 UPDATED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
NOTE1: FR-5 = 1.0 x 0.75 x 0.062 in.
NOTE2: Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
VCEO, Collector-Emitter Voltage
40Vdc
VCBO, Collector-Base Voltage
60Vdc
VEBO, Emitter-Base Voltage
6.0Vdc
IC, Collector Current-Continuous
200mAdc
Parameter
Symbol
Max
Unit
Total Device Dissipation FR-5 Board NOTE1
TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation Alumina Substrate NOTE2
TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
-55 to +150
°C


同様の部品番号 - MBT3904L

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
MBT3904D AITSEMI-MBT3904D Datasheet
599Kb / 7P
DUAL GENERAL PURPOSE TRANSISTORS SWITCHING TRANSISTORS
REV1.0
logo
E-Tech Electronics LTD
MBT3904DW ETL-MBT3904DW Datasheet
720Kb / 10P
Dual General Purpose Transistors
logo
Weitron Technology
MBT3904DW WEITRON-MBT3904DW Datasheet
244Kb / 7P
Dual General Purpose Transistor NPNNPN Silicon
logo
AiT Semiconductor Inc.
MBT3904DW AITSEMI-MBT3904DW Datasheet
599Kb / 7P
DUAL GENERAL PURPOSE TRANSISTORS SWITCHING TRANSISTORS
REV1.0
logo
ON Semiconductor
MBT3904DW1 ONSEMI-MBT3904DW1 Datasheet
102Kb / 8P
Dual General Purpose Transistors
June, 2015 ??Rev. 11
More results

同様の説明 - MBT3904L

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 14
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
NPN switching transistor
2004 Oct 11
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com