データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMM0204 データシート(PDF) 6 Page - Vishay Siliconix

部品番号 SMM0204
部品情報  Thin Film Mini-MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204 データシート(HTML) 6 Page - Vishay Siliconix

Back Button SMM0204_V01 Datasheet HTML 2Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 3Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 4Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 5Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 6Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 7Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 8Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 9Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Nov-2021
6
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
10M
1M
100K
10K
1K
100
10
60
70
80
90
100
110
120
Resistance Value in
Ω
Non-linearity
0.01
Current Noise Voltage Ratio
µV/V
0.1
1
1K
10K
100K
1M
10M
100
Resistance Value in
Ω
1000
500
100
50
10
5
1
-80
-60
-40
-20
0
20
40
60
SMM0204
Frequency f in MHz
HF - Performance
10
Ω
39
Ω
100
Ω
470
Ω
1 k
Ω
4.7 k
Ω
10 k
Ω
1000
500
100
50
10
5
1
-80
-60
-40
-20
0
20
40
60
SMM0204
Frequency f in MHz
HF - Performance
10
Ω
39
Ω
100
Ω
470
Ω
1 k
Ω
4.7 k
Ω
10 k
Ω
100K
10K
1K
100R
10R
10
100
1K
3K
Resistance Value in
Ω
1.2 / 50 Pulse
Pulse load rating in accordance with IEC 60 115-1, 4.27; 1.2 μs / 50 μs;
5 pulses at 12 s intervals; for permissible resistance change ± (0.5 %
R + 0.05 Ω)
10K
1K
100R
10R
10
100
1K
3K
100K
Resistance Value in
Ω
10 / 700 Pulse
Pulse load rating in accordance with IEC 60115-1, 4.27; 10 μs / 700 μs;
10 pulses at 1 minute intervals; for permissible resistance change ± (0.5 %
R + 0.05 Ω)


同様の部品番号 - SMM0204_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMM0204-MS1 VISHAY-SMM0204-MS1 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
SMM02040000B0 VISHAY-SMM02040000B0 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040000B1 VISHAY-SMM02040000B1 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040000B3 VISHAY-SMM02040000B3 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM0204000BB0 VISHAY-SMM0204000BB0 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
More results

同様の説明 - SMM0204_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM0204 VISHAY-SMM0204_16 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com