データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMM0204 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SMM0204
部品情報  Thin Film Mini-MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204 データシート(HTML) 1 Page - Vishay Siliconix

  SMM0204_V01 Datasheet HTML 1Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 2Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 3Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 4Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 5Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 6Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 7Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 8Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Nov-2021
1
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Mini-MELF Resistors
SMM0204 thin film MELF resistors are the perfect choice for
most fields of modern electronics where reliability and
stability are of major concern. The typical applications in the
fields of automotive, industrial and medical equipment
reflect the outstanding level of proven reliability.
FEATURES
• Advanced metal film technology
• AEC-Q200 qualified
• IECQ-CECC approval acc. EN 140401-803
available on request
• Excellent stability in different environmental
conditions
• Best in class pulse load capability
• Intrinsic sulfur resistance
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Telecommunication
• Industrial
• Medical equipment
Notes
• The IECQ-CECC approved product versions SMM0204 EN803 E0 and OMM0204 EN803 E0 respectively feature a quality factor
πQ = 3 for
the purpose of system MTBF calculations, compared with
πQ = 10 for the standard versions
(1) Please refer to APPLICATION INFORMATION below
APPLICATION INFORMATION
When the resistor dissipates power, a temperature rise above the ambient temperature occurs, dependent on the thermal
resistance of the assembled resistor together with the printed circuit board. The rated dissipation applies only if the permitted
film temperature is not exceeded.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime.
TECHNICAL SPECIFICATIONS
DESCRIPTION
SMM0204
DIN size
0204
Metric size code
RC3715M
Resistance range
0.22
Ω to 10 MΩ; 0 Ω
Resistance tolerance
± 5 %; ± 1 %; ± 0.5 %; ± 0.25 %; ± 0.1 %
Temperature coefficient
± 100 ppm/K; ± 50 ppm/K; ± 25 ppm/K; ± 15 ppm/K
Rated dissipation
P70 (1)
0.4 W
Operating voltage,
Umax. ACRMS/DC
200 V
Permissible film temperature,
ϑF max. (1)
155 °C
Operating temperature range (1)
-55 °C to 155 °C
Permissible voltage against ambient (insulation):
1 min;
Uins
300 V
Failure rate: FITobserved
≤ 0.05 x 10-9/h


同様の部品番号 - SMM0204_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMM0204-MS1 VISHAY-SMM0204-MS1 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
SMM02040000B0 VISHAY-SMM02040000B0 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040000B1 VISHAY-SMM02040000B1 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040000B3 VISHAY-SMM02040000B3 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM0204000BB0 VISHAY-SMM0204000BB0 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
More results

同様の説明 - SMM0204_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM0204 VISHAY-SMM0204_16 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com