データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMM0204 データシート(PDF) 10 Page - Vishay Siliconix

部品番号 SMM0204
部品情報  Thin Film Mini-MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204 データシート(HTML) 10 Page - Vishay Siliconix

Back Button SMM0204_V01 Datasheet HTML 5Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 6Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 7Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 8Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 9Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 10Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 11Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 12Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Nov-2021
10
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.27
-
Single pulse
high voltage
overload:
standard
operation
mode
Severity no. 4:
U = 10 x
≤ 2 x Umax.;
10 pulses
10 μs/700 μs
± (0.15 %
R + 0.01 Ω)
Single pulse
high voltage
overload:
power
peration
mode
± (0.15 %
R + 0.01 Ω)
4.39
-
Periodic
electric
overload:
standard
operation
mode
U =
≤ 2 x Umax.;
0.1 s on; 2.5 s off;
1000 cycles
± (0.15 %
R + 0.01 Ω)
Periodic
electric
overload:
power
operation
mode
± (0.3 %
R + 0.01 Ω)
4.22
6 (Fc)
Vibration
Endurance
by sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
≤ 1.5 mm or
≤ 200 m/s2;
7.5 h
± (0.05 %
R + 0.01 Ω)± (0.1 % R)
4.38
-
Electrostatic
discharge
(Human Body
Model)
IEC 61340-3-1 (1);
3 pos. + 3 neg.
discharges
SMM 0204: 2 kV
± (0.5 %
R + 0.05 Ω)
4.17
58 (Td)
Solderability
Solder bath method;
SnPb40;
non-activated flux
(215 ± 3) °C;
(3 ± 0.3) s
Good tinning (
≥ 95% covered); no visible damage
Solder bath method;
SnAg3Cu0.5
or SnAg3.5;
non-activated flux;
(235 ± 3) °C;
(2 ± 0.2) s
Good tinning (
≥ 95% covered); no visible damage
4.18
58 (Td)
Resistance to
soldering heat
Solder bath method;
(260 ± 5) °C;
(10 ± 1) s
± (0.1 %
R + 0.01 Ω)
± (0.05 %
R + 0.01 Ω)
Reflow method 2
(IR/forced gas
convection);
(260 ± 5) °C;
(10 ± 1) s
± (0.05 %
R + 0.01 Ω)
± (0.02 %
R + 0.01 Ω)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
SMM0204
< 1
Ω
1
Ω to < 10 Ω
10
Ω to ≤ 1 MΩ
> 1 M
Ω
P
70 x R
15 x P
70 x R


同様の部品番号 - SMM0204_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMM0204-MS1 VISHAY-SMM0204-MS1 Datasheet
134Kb / 6P
Metal Film, Cylindrical Resistors
Revision 21-Oct-02
SMM02040000B0 VISHAY-SMM02040000B0 Datasheet
179Kb / 12P
Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040000B1 VISHAY-SMM02040000B1 Datasheet
179Kb / 12P
Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040000B3 VISHAY-SMM02040000B3 Datasheet
179Kb / 12P
Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM0204000BB0 VISHAY-SMM0204000BB0 Datasheet
179Kb / 12P
Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
More results

同様の説明 - SMM0204_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
Thin Film MELF Resistors
Revision: 28-Jun-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0204 VISHAY-SMM0204_16 Datasheet
179Kb / 12P
Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
Thin Film MELF Resistors
01-Jan-2022
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com