データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMM0204 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SMM0204
部品情報  Thin Film Mini-MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0204 データシート(HTML) 2 Page - Vishay Siliconix

  SMM0204_V01 Datasheet HTML 1Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 2Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 3Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 4Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 5Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 6Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 7Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 8Page - Vishay Siliconix SMM0204_V01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Nov-2021
2
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The presented operation modes do not refer to different types of resistors, but actually show examples of different loads, that lead to
different film temperatures and different achievable load-life stability (drift) of the resistance value. A suitable low thermal resistance of the
circuit board assembly must be safeguarded in order to maintain the film temperature of the resistors within the specified limits. Please
consider the application note “Thermal Management in Surface-Mounted Resistor Applications” (www.vishay.com/doc?28844) for
information on the general nature of thermal resistance
Notes
• The color of the body coating is light green for jumpers and for a temperature coefficient of ± 50 ppm/K or ± 100 ppm/K, pink for ± 25 ppm/K,
or violet for ± 15 ppm/K
• Zero ohm jumper are marked with one centered black band
(1) For the approved IECQ-CECC resistance range, please refer to www.vishay.com/doc?28946
Note
(1) Package of 1000 pieces, code B1, is available only for products with TCR ± 25 ppm/K or ± 15 ppm/K, and with tolerance ± 0.25 % or ± 0.1 %.
Bulk case according to IEC 60286-6 available on request
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATION MODE
PRECISION
STANDARD
POWER
Rated dissipation,
P70
SMM0204
0.07 W
0.25 W
0.4 W
Operating temperature range
-10 °C to 85 °C
-55 °C to 125 °C
-55 °C to 155 °C
Permissible film temperature,
ϑF max.
85 °C
125 °C
155 °C
Max. resistance change at
P70 for
resistance range, |
ΔR/R| after:
SMM0204
10
Ω to 1 MΩ
0.22
Ω to 10 MΩ
0.22
Ω to 10 MΩ
1000 h
≤ 0.05 %
≤ 0.15 %
≤ 0.25 %
8000 h
≤ 0.1 %
≤ 0.3 %
≤ 0.5 %
225 000 h
≤ 0.25 %
≤ 0.75 %
-
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE (1)
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
SMM0204
± 100 ppm/K
± 5 %
0.22
Ω to 0.91 Ω
E24
± 50 ppm/K
± 1 %
0.82
Ω to 10 MΩ
E24; E96
± 0.5 %
10
Ω to 1.65 MΩ
E24; E192
± 25 ppm/K
± 0.5 %
10
Ω to 1.65 MΩ
E24; E192
± 0.25 %
22
Ω to 1.65 MΩ
± 0.1 %
22
Ω to 1.65 MΩ
± 15 ppm/K
± 0.5 %
10
Ω to 221 kΩ
E24; E192
± 0.25 %
22
Ω to 221 kΩ
± 0.1 %
43
Ω to 221 kΩ
OMM0204
Jumper,
Imax. = 3 A
≤ 10 mΩ
0
Ω
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING
STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
SMM0204
OMM0204
B1 (1)
1000 (1)
Antistatic blister tape acc.
IEC 60286-3, Type 2a
8 mm
4 mm
Ø 180 mm / 7"
B3
3000
B0
10 000
Ø 330 mm / 13"
SMM0204 EN803 E0
OMM0204 EN803 E0
B1 (1)
1000 (1)
8 mm
4 mm
Ø 180 mm / 7"
B3
3000
B0
10 000
Ø 330 mm / 13"


同様の部品番号 - SMM0204_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMM0204-MS1 VISHAY-SMM0204-MS1 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
SMM02040000B0 VISHAY-SMM02040000B0 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040000B1 VISHAY-SMM02040000B1 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040000B3 VISHAY-SMM02040000B3 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM0204000BB0 VISHAY-SMM0204000BB0 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
More results

同様の説明 - SMM0204_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM0204 VISHAY-SMM0204_16 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com