データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AA25N データシート(PDF) 1 Page - Astec America, Inc

部品番号 AA25N
部品情報  25 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTEC [Astec America, Inc]
ホームページ  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA25N データシート(HTML) 1 Page - Astec America, Inc

  AA25N Datasheet HTML 1Page - Astec America, Inc AA25N Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
25 Watts
AA25N
• Ideal for telecom/networking
applications
• High efficiency
• Unencapsulated 2.0” x 2.0” x 0.50” package.
• Integral heat spreader available
• 100°C Baseplate temperature
• Enable (on/off)
• Thermal protection
• 350kHz Switching frequency
• Under voltage lockout
Input
Input range
18-36 Vdc (24 Vdc nominal)
36 - 75Vdc (48Vdc nominal)
Input capacitance
2mF typical
Input reverse voltage
protection
Fuse recommended
Input surge voltage
100V for 100mS (048L)
50V for 100mS (024L)
36V for 100mS (012L)
Input reflected ripple
<10mA (P-P)
See Note 2
Undervoltage lockout
Vin<32V (-048L ONLY)
Efficiency
82% typical
Output
Voltage tolerance
Main Output
±1.0%
Aux Output ±3.0%
Dual Output ±2.0%
Line regulation
Main Output
±0.1%
Aux Output ±0.5%
Dual Output ±0.2%
Load regulation
Main Output
±0.75%
Aux Output ±3.0%
Dual Output ±0.5%
(10% to 100% load) Note 6.
Noise/ripple
50mV P-P, Singles
100mVp-p, Dual , Triple
Short circuit protection
Continuous power cycle
Overvoltage protection
120% of V0, Typ
Transient response
2% Vo typ; recovery <500msec typ
(25% step load change to within 1%Vo)
Temperature coefficient
±0.2%/°C
Switching frequency
350kHz
Control
Enable
on =2.5 to 5.5Vdc or open circuit
off = 0 to 0.8Vdc
Ref. to -Vin. TTL compatible
Input current (enable OFF) <10ma
Output trim
Single output models
Thermal shutdown
110°C Baseplate temperature (typ)
Auto reset
Isolation
I/O isolation
1500Vdc
Isolation resistance
15 x 108 ohms
Environmental
Total Power:
25 Watts
Input Voltages:
24V or 48V
No. of Outputs:
Single, Dual, Triple
Operation case temperature range: -40°C to
+100°C
Storage temperature: -40°C to +125°C
Humidity: 5% to 100%
Safety
UL
UL1950
CAN
CAN22.2-950
TUV
EN60950
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
70
W9959_02_DCDC_001-073_73
2/8/02
3:56 PM
Page 70


同様の部品番号 - AA25N

メーカー部品番号データシート部品情報
logo
Astec America, Inc
AA25N-048L-033S ASTEC-AA25N-048L-033S Datasheet
166Kb / 4P
36-75V in; 3.3V / 6A out
AA25N-048L-050S ASTEC-AA25N-048L-050S Datasheet
168Kb / 4P
36-75V in; 5V/5A out
More results

同様の説明 - AA25N

メーカー部品番号データシート部品情報
logo
Astec America, Inc
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
25 Watts
LPS25 ASTEC-LPS25 Datasheet
77Kb / 3P
25 Watts
AEV05F24 ASTEC-AEV05F24 Datasheet
434Kb / 2P
25 Watts
ALT06F48 ASTEC-ALT06F48 Datasheet
156Kb / 2P
25-30 Watts
logo
Vicor Corporation
VE-J0B-MY VICOR-VE-J0B-MY Datasheet
297Kb / 6P
25 to 100 Watts
logo
Bothhand USA, LP.
SP9919 BOTHHAND-SP9919 Datasheet
48Kb / 1P
25 Watts Switching Power Supply
logo
Artesyn Technologies
LPT22 ARTESYN-LPT22 Datasheet
1Mb / 4P
Total Power: 25 - 40 Watts
logo
XP Power Limited
ECS60US05 XPPOWER-ECS60US05_16 Datasheet
1,016Kb / 4P
25-60 Watts ECS Series
ECS60US05 XPPOWER-ECS60US05 Datasheet
405Kb / 4P
2560 Watts ECS Series
logo
Artesyn Technologies
LPS22 ARTESYN-LPS22 Datasheet
709Kb / 3P
Total Power: 25 - 40 Watts
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com