| データシートサーチシステム |
|
AM6422...ALV データシート(PDF) 156 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6422...ALV データシート(HTML) 156 Page - Texas Instruments |
|
156 / 244 page ![]() GPMC_FCLK GPMC_CLK GPMC_CSn[i] GPMC_A[MSB:1] GPMC_BE0n_CLE GPMC_BE1n GPMC_ADVn_ALE GPMC_OEn_REn GPMC_AD[15:0] GPMC_WAIT[j] Add0 Add1 Add2 Add3 Add4 D0 D1 D2 D3 D3 FA1 FA0 FA18 FA13 FA12 FA0 FA9 FA10 FA10 FA21 FA20 FA20 FA20 GPMC_08 A. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. In GPMC_WAIT[j], j is equal to 0 or 1. B. FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data will be internally sampled by active functional clock edge. FA21 calculation must be stored inside AccessTime register bits field. C. FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of GPMC functional clock cycles. After each access to input page data, next input page data will be internally sampled by active functional clock edge after FA20 functional clock cycles. FA20 is also the duration of address phases for successive input page data (excluding first input page data). FA20 value must be stored in PageBurstAccessTime register bits field. D. GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. Figure 7-46. GPMC and NOR Flash — Asynchronous Read — Page Mode 4x16–Bit AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 www.ti.com 156 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |