| データシートサーチシステム |
|
AM6422...ALV データシート(PDF) 162 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6422...ALV データシート(HTML) 162 Page - Texas Instruments |
|
162 / 244 page ![]() GPMC_FCLK GPMC_CSn[i] GPMC_BE0n_CLE GPMC_ADVn_ALE GPMC_OEn_REn GPMC_WEn GPMC_AD[15:0] Address GNF0 GNF1 GNF7 GNF3 GNF4 GNF6 GNF8 GNF9 GPMC_13 A. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. Figure 7-51. GPMC and NAND Flash — Address Latch Cycle GPMC_CSn[i] GPMC_BE0n_CLE GPMC_ADVn_ALE GPMC_OEn_REn GPMC_FCLK GPMC_WAIT[j] GNF10 GNF14 GNF15 GNF12 GNF13 DATA GPMC_AD[15:0] GPMC_14 A. GNF12 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after GNF12 functional clock cycles, input data will be internally sampled by active functional clock edge. GNF12 value must be stored inside AccessTime register bits field. B. GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. C. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. In GPMC_WAIT[j], j is equal to 0 or 1. Figure 7-52. GPMC and NAND Flash — Data Read Cycle AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 www.ti.com 162 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |