| データシートサーチシステム |
|
AM6421...ALV データシート(PDF) 215 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6421...ALV データシート(HTML) 215 Page - Texas Instruments |
|
215 / 244 page ![]() • 64 KB of SRAM (D-Code) • External access to internal memories if allowed • Debug Support Including: – DAP based Debug to the CPU Core – Full Debug Features of CPU Core are enabled – Standard ITM trace – CTM Cross Trigger – ETM Trace Support • Fault Detection and Correction – SECDED ECC protection on I-CODE – SECDED ECC protection on D-CODE – Fault Error Interrupt Output For more information, see Arm Cortex M4F Subsystem (M4FSS) section in Processors and Accelerators chapter in the device TRM. www.ti.com AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 215 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |