| データシートサーチシステム |
|
AM2434...ALV データシート(PDF) 145 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2434...ALV データシート(HTML) 145 Page - Texas Instruments |
|
145 / 280 page ![]() Table 7-18. MCU_OSC0 Switching Characteristics - Crystal Mode PARAMETER MIN TYP MAX UNIT CXI XI Capacitance 1.44 pF CXO XO Capacitance 1.52 pF CXIXO XI to XO Mutual Capacitance 0.01 pF ts Start-up Time 4 ms VDDS_OSC MCU_OSC0_XO t sX Time VSS VDDS_OSC (min.) VDD_CORE (min.) VSS VDD_CORE AM65x_MCU_OSC_STARTUP_02 Figure 7-18. MCU_OSC0 Start-up Time 7.10.4.1.1.1 Load Capacitance The crystal circuit must be designed such that it applies the appropriate capacitive load to the crystal, as defined by the crystal manufacturer. The capacitive load, CL, of this circuit is a combination of discrete capacitors CL1, CL2, and several parasitic contributions. PCB signal traces which connect crystal circuit components to MCU_OSC0_XI and MCU_OSC0_XO have parasitic capacitance to ground, CPCBXI and CPCBXO, where the PCB designer should be able to extract parasitic capacitance for each signal trace. The MCU_OSC0 circuits and device package have combined parasitic capacitance to ground, CPCBXI and CPCBXO, where these parasitic capacitance values are defined in Table 7-18. AM65x_MCU_OSC_CC_05 C PCBXI C PCBXO C L1 C L2 PCB Signal Traces Crystal Circuit Components MCU_OSC0_XO MCU_OSC0_XI C XI C XO Device Figure 7-19. Load Capacitance Load capacitors, CL1 and CL2 in Figure 7-17, should be chosen such that the below equation is satisfied. CL in the equation is the load specified by the crystal manufacturer. www.ti.com AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 145 Product Folder Links: AM2434 AM2432 AM2431 |