| データシートサーチシステム |
|
XAM2434...ALX データシート(PDF) 168 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM2434...ALX データシート(HTML) 168 Page - Texas Instruments |
|
168 / 280 page ![]() – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(15) otherwise • Case GPMCFCLKDIVIDER = 2: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(15) if ((ADVRdOffTime - ClkActivationTime) is a multiple of 3) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(15) if ((ADVRdOffTime - ClkActivationTime - 1) is a multiple of 3) – G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(15) if ((ADVRdOffTime - ClkActivationTime - 2) is a multiple of 3) For ADV rising edge (ADV deactivated) in Writing mode: • Case GPMCFCLKDIVIDER = 0: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(15) • Case GPMCFCLKDIVIDER = 1: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(15) if (ClkActivationTime and ADVWrOffTime are odd) or (ClkActivationTime and ADVWrOffTime are even) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(15) otherwise • Case GPMCFCLKDIVIDER = 2: – G = 0.5 × ADVExtraDelay × GPMC_FCLK(15) if ((ADVWrOffTime - ClkActivationTime) is a multiple of 3) – G = (1 + 0.5 × ADVExtraDelay) × GPMC_FCLK(15) if ((ADVWrOffTime - ClkActivationTime - 1) is a multiple of 3) – G = (2 + 0.5 × ADVExtraDelay) × GPMC_FCLK(15) if ((ADVWrOffTime - ClkActivationTime - 2) is a multiple of 3) (8) For OE falling edge (OE activated) and IO DIR rising edge (Data Bus input direction): • Case GPMCFCLKDIVIDER = 0: – H = 0.5 × OEExtraDelay × GPMC_FCLK(15) • Case GPMCFCLKDIVIDER = 1: – H = 0.5 × OEExtraDelay × GPMC_FCLK(15) if (ClkActivationTime and OEOnTime are odd) or (ClkActivationTime and OEOnTime are even) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(15) otherwise • Case GPMCFCLKDIVIDER = 2: – H = 0.5 × OEExtraDelay × GPMC_FCLK(15) if ((OEOnTime - ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(15) if ((OEOnTime - ClkActivationTime - 1) is a multiple of 3) – H = (2 + 0.5 × OEExtraDelay) × GPMC_FCLK(15) if ((OEOnTime - ClkActivationTime - 2) is a multiple of 3) For OE rising edge (OE deactivated): • Case GPMCFCLKDIVIDER = 0: – H = 0.5 × OEExtraDelay × GPMC_FCLK(15) • Case GPMCFCLKDIVIDER = 1: – H = 0.5 × OEExtraDelay × GPMC_FCLK(15) if (ClkActivationTime and OEOffTime are odd) or (ClkActivationTime and OEOffTime are even) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(15) otherwise • Case GPMCFCLKDIVIDER = 2: – H = 0.5 × OEExtraDelay × GPMC_FCLK(15) if ((OEOffTime - ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(15) if ((OEOffTime - ClkActivationTime - 1) is a multiple of 3) – H = (2 + 0.5 × OEExtraDelay) × GPMC_FCLK(15) if ((OEOffTime - ClkActivationTime - 2) is a multiple of 3) (9) For WE falling edge (WE activated): • Case GPMCFCLKDIVIDER = 0: – I = 0.5 × WEExtraDelay × GPMC_FCLK(15) • Case GPMCFCLKDIVIDER = 1: – I = 0.5 × WEExtraDelay × GPMC_FCLK(15) if (ClkActivationTime and WEOnTime are odd) or (ClkActivationTime and WEOnTime are even) – I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(15) otherwise • Case GPMCFCLKDIVIDER = 2: – I = 0.5 × WEExtraDelay × GPMC_FCLK(15) if ((WEOnTime - ClkActivationTime) is a multiple of 3) – I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(15) if ((WEOnTime - ClkActivationTime - 1) is a multiple of 3) – I = (2 + 0.5 × WEExtraDelay) × GPMC_FCLK(15) if ((WEOnTime - ClkActivationTime - 2) is a multiple of 3) For WE rising edge (WE deactivated): • Case GPMCFCLKDIVIDER = 0: – I = 0.5 × WEExtraDelay × GPMC_FCLK (15) AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 168 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |