| データシートサーチシステム |
|
AM2431..ALV データシート(PDF) 210 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431..ALV データシート(HTML) 210 Page - Texas Instruments |
|
210 / 280 page ![]() 7.10.5.13 CPTS Table 7-89, Table 7-90, Figure 7-77, Table 7-91, and Figure 7-78 present timing conditions, requirements, and switching characteristics for CPTS. Table 7-89. CPTS Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input slew rate 0.5 5 V/ns OUTPUT CONDITIONS CL Output load capacitance 2 10 pF Table 7-90. CPTS Timing Requirements see Figure 7-77 NO. PARAMETER DESCRIPTION MIN MAX UNIT T1 tw(HWTSPUSHH) Pulse duration, HWnTSPUSH high 12P(1) + 2 ns T2 tw(HWTSPUSHL) Pulse duration, HWnTSPUSH low 12P(1) + 2 ns T3 tc(RFT_CLK) Cycle time, RFT_CLK 5 8 ns T4 tw(RFT_CLKH) Pulse duration, RFT_CLK high 0.45T(2) ns T5 tw(RFT_CLKL) Pulse duration, RFT_CLK low 0.45T(2) ns (1) P = functional clock period in ns. (2) T = RFT_CLK period in ns. RFT_CLK T3 T4 T5 HWn_TSPUSH T1 T2 Figure 7-77. CPTS Timing Requirements AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 210 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |