データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DC61 データシート(PDF) 397 Page - Microchip Technology

部品番号 DC61
部品情報  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DC61 データシート(HTML) 397 Page - Microchip Technology

Back Button DC61 Datasheet HTML 393Page - Microchip Technology DC61 Datasheet HTML 394Page - Microchip Technology DC61 Datasheet HTML 395Page - Microchip Technology DC61 Datasheet HTML 396Page - Microchip Technology DC61 Datasheet HTML 397Page - Microchip Technology DC61 Datasheet HTML 398Page - Microchip Technology DC61 Datasheet HTML 399Page - Microchip Technology DC61 Datasheet HTML 400Page - Microchip Technology DC61 Datasheet HTML 401Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 397
PIC24FJ256GA705 FAMILY
B
A
0.10 C
0.10 C
0.07
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-442A-M4 Sheet 1 of 2
2X
52X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
48-Lead Ultra Thin Plastic Quad Flat, No Lead Package (M4) - 6x6 mm Body [UQFN]
With Corner Anchors and 4.6x4.6 mm Exposed Pad
D
E
D2
8X (b1)
E2
(K)
e
2
e
48X b
L
8X (b2)
A
(A3)
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More