データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VRD311 データシート(PDF) 290 Page - Microchip Technology

部品番号 VRD311
部品情報  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRD311 データシート(HTML) 290 Page - Microchip Technology

Back Button VRD311 Datasheet HTML 286Page - Microchip Technology VRD311 Datasheet HTML 287Page - Microchip Technology VRD311 Datasheet HTML 288Page - Microchip Technology VRD311 Datasheet HTML 289Page - Microchip Technology VRD311 Datasheet HTML 290Page - Microchip Technology VRD311 Datasheet HTML 291Page - Microchip Technology VRD311 Datasheet HTML 292Page - Microchip Technology VRD311 Datasheet HTML 293Page - Microchip Technology VRD311 Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 290
 2016-2018 Microchip Technology Inc.
24.3
Registers
The 12-bit A/D Converter is controlled through a total of
13 registers:
• AD1CON1 through AD1CON5 (Register 24-1
through Register 24-5)
•AD1CHS (Register 24-6)
• ANCFG (Register 24-7)
• AD1CHITL (Register 24-8)
• AD1CSSH and AD1CSSL (Register 24-9 and
Register 24-10)
• AD1CTMENH and AD1CTMENL (Register 24-11
and Register 24-12)
• AD1DMBUF (not shown) – The 16-bit conversion
buffer for Extended Buffer mode
TABLE 24-1:
INDIRECT ADDRESS GENERATION IN PIA MODE
DMABL<2:0>
Buffer Size per
Channel (words)
Generated Offset
Address (lower 11 bits)
Available
Input
Channels
Allowable DMADSTn
Addresses
000
1
000 00cc ccc0
32
xxxx xxxx xx00 0000
001
2
000 0ccc ccn0
32
xxxx xxxx x000 0000
010
4
000 cccc cnn0
32
xxxx xxxx 0000 0000
011
8
00c cccc nnn0
32
xxxx xxx0 0000 0000
100
16
0cc cccn nnn0
32
xxxx xx00 0000 0000
101
32
ccc ccnn nnn0
32
xxxx x000 0000 0000
110
64
ccc cnnn nnn0
16
xxxx x000 0000 0000
111
128
ccc nnnn nnn0
8
xxxx x000 0000 0000
Legend: ccc = Channel number (three to five bits), n = Base buffer address (zero to seven bits),
x = User-definable range of DMADSTn for base address, 0 = Masked bits of DMADSTn for IA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More