データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD50 データシート(PDF) 394 Page - Microchip Technology

部品番号 AD50
部品情報  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AD50 データシート(HTML) 394 Page - Microchip Technology

Back Button AD50 Datasheet HTML 390Page - Microchip Technology AD50 Datasheet HTML 391Page - Microchip Technology AD50 Datasheet HTML 392Page - Microchip Technology AD50 Datasheet HTML 393Page - Microchip Technology AD50 Datasheet HTML 394Page - Microchip Technology AD50 Datasheet HTML 395Page - Microchip Technology AD50 Datasheet HTML 396Page - Microchip Technology AD50 Datasheet HTML 397Page - Microchip Technology AD50 Datasheet HTML 398Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 394
 2016-2018 Microchip Technology Inc.
B
A
0.20 H A B
0.20 H A B
44 X b
0.20
C A B
(DATUM B)
(DATUM A)
C
SEATING PLANE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Microchip Technology Drawing C04-076C Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
e
NOTE 1
12
N
D
D1
E
E1
2X
A2
A1
A
0.10 C
3
N
AA
0.20 C A B
4X 11 TIPS
123
44-Lead Plastic Thin Quad Flatpack (PT) - 10x10x1.0 mm Body [TQFP]
NOTE 1
NOTE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More