データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G0B1VC データシート(PDF) 138 Page - STMicroelectronics

部品番号 STM32G0B1VC
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VC データシート(HTML) 138 Page - STMicroelectronics

Back Button STM32G0B1VC Datasheet HTML 134Page - STMicroelectronics STM32G0B1VC Datasheet HTML 135Page - STMicroelectronics STM32G0B1VC Datasheet HTML 136Page - STMicroelectronics STM32G0B1VC Datasheet HTML 137Page - STMicroelectronics STM32G0B1VC Datasheet HTML 138Page - STMicroelectronics STM32G0B1VC Datasheet HTML 139Page - STMicroelectronics STM32G0B1VC Datasheet HTML 140Page - STMicroelectronics STM32G0B1VC Datasheet HTML 141Page - STMicroelectronics STM32G0B1VC Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 159 page
background image
Package information
STM32G0B1xB/xC/xE
138/159
DS13560 Rev 2
Figure 50. WLCSP52 - Recommended footprint
b
0.23
0.26
0.28
0.009
0.010
0.011
D
3.06
3.09
3.12
0.120
0.122
0.123
E
3.12
3.15
3.18
0.123
0.124
0.125
e
-
0.40
-
-
0.016
-
e1
-
2.40
-
-
0.094
-
e2
-
2.42
-
-
0.095
-
F(4)
-
0.35
-
-
0.014
-
G(4)
-
0.36
-
-
0.014
-
N-
-
0.10
-
-
0.004
aaa
-
-
0.10
-
-
0.004
bbb
-
-
0.10
-
-
0.004
ccc
-
-
0.05
-
-
0.002
ddd
-
-
0.05
-
-
0.002
eee
-
-
0.58
-
-
0.023
1. Values in inches are converted from mm and rounded to 3 decimal digits.
2. The maximum total package height is calculated by the RSS method (Root Sum Square) using nominal
and tolerances values of A1 and A2.
3. Back side coating. Nominal dimension is rounded to the 3rd decimal place resulting from process
capability.
4. Calculated dimensions are rounded to the 3rd decimal place
Table 86. WLCSP52 - Mechanical data (continued)
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
BGA_WLCSP_FT_V1
Dsm
Dpad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More