データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC2430-RTR1-F128 データシート(PDF) 231 Page - Texas Instruments

部品番号 CC2430-RTR1-F128
部品情報  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128 データシート(HTML) 231 Page - Texas Instruments

Back Button CC2430-RTR1-F128 Datasheet HTML 226Page - Texas Instruments CC2430-RTR1-F128 Datasheet HTML 227Page - Texas Instruments CC2430-RTR1-F128 Datasheet HTML 228Page - Texas Instruments CC2430-RTR1-F128 Datasheet HTML 229Page - Texas Instruments CC2430-RTR1-F128 Datasheet HTML 230Page - Texas Instruments CC2430-RTR1-F128 Datasheet HTML 231Page - Texas Instruments CC2430-RTR1-F128 Datasheet HTML 232Page - Texas Instruments CC2430-RTR1-F128 Datasheet HTML 233Page - Texas Instruments CC2430-RTR1-F128 Datasheet HTML 234Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 231 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 231 of 232
21.2 Product Status Definitions
Data Sheet Identification
Product Status
Definition
Advance Information
Planned or Under
Development
This data sheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
Preliminary
Engineering Samples
and Pre-Production
Prototypes
This data sheet contains preliminary data, and
supplementary data will be published at a later date.
Chipcon reserves the right to make changes at any
time without notice in order to improve design and
supply the best possible product. The product is not
yet fully qualified at this point.
No Identification Noted
Full Production
This data sheet contains the final specifications.
Chipcon reserves the right to make changes at any
time without notice in order to improve design and
supply the best possible product.
Obsolete
Not In Production
This data sheet contains specifications on a product
that has been discontinued by Chipcon. The data
sheet is printed for reference information only.
Table 108: Product Status Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More